Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8312 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8312
Description  IGBT Ignition Predriver with Dynamic Current Regulation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8312 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8312 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8312 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8312 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8312 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8312 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Electrical Characteristics 7V ² VCC ² 10V; -40¡C ² TA ² +125¡C; unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s General
Power Supply
7
10
V
including Ripple Voltage
Supply Ripple Frequency
10
60
kHz
Differential Ground Voltage
DC SENSE- to Gnd
-0.1
1.0
V
AC SENSE- to Gnd
-0.2
0.6
V
Differential Ground Frequency
10
60
kHz
Quiescent Current, IQ
Turn On
VCTRL=5.5V
15
mA
Turn Off
VCTRL=-0.3V
5
mA
Supply Voltage Rejection
VCTRL=5.5V
30
dB
Differential Ground
VCTRL=5.5V
30
dB
Rejection Ratio
Differential Ground Current
VCTRL= -0.3V
3
mA
Ratio
(VSENSE--VGnd)DC=1V
(VSENSE--VGnd)AC=0.6V
Unity Gain Bandwidth
VCTRL=5.5V
400
kHz
Clamp Voltage
VCTRL=5.5V; IOUT=1mA
5.5
V
Output Off Voltage
VCTRL=-0.3V; IOUT=10µA
0.5
V
VCTRL=-0.3V; IOUT=200µA
1.2
V
Turn On Delay
CTRL increasing
30
us
Turn Off Delay
CTRL decreasing
30
us
s Control Function
Input Voltage Range
ICTRL=2mA
-0.3
5.5
V
Input Threshold
Turn On
CTRL increasing
3.5
V
Turn Off
CTRL decreasing
1.5
V
Hysteresis
0.4
2.0
V
Voltage
ICTRL=10µA MAX
1.1
V
Input Capacitance
50
pF
s Current Limit Increase Function
Input Voltage Range
ICTRL=2mA
-0.3
5.5
V
Input Threshold
Turn On
CLI increasing
3.5
V
Turn Off
CLI decreasing
1.5
V
Hysteresis
0.4
2.0
V
Voltage
ICLI=10µA max
1.1
V
Input Capacitance
50
pF
s Output Stage
IOUT
5mA
s Flag Function
Output Low
VCTRL=5.5V; IFLAG=1.5mA
0.9
V
Leakage Current
VCTRL=-0.3V
10
µA
Output Capacitance
50
pF
Turn On (VSENSE+ Ð VSENSE-)VCTRL=5.5V; VCLI=-0.3V
210
225
240
mV
VCTRL=5.5V; VCLI=5.5V
300
350
mV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com