Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8321 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8321
Description  Micropower 5V, 150mA Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8321 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8321 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8321 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8321 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8321 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8321 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8321 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics: 6V < VIN < 26V, IOUT=1mA, -40¡C ² TA ² 125¡C, -40¡C ² TJ ² 150¡C unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Circuit Description and Application Notes
The CS8321 is a series pass voltage regulator. It consists of
an error amplifier, bandgap voltage reference, PNP pass
transistor with antisaturation control, and current limit.
As the voltage at the input, VIN, is increased, QN is for-
ward biased via R. QN provides base drive for QP. As QP
becomes forward biased, the output voltage, VOUT, begins
to rise as QPÕs output current charges the output capacitor.
Once VOUT rises to a certain level, the error amplifier
becomes biased and provides the appropriate amount of
base current to QP. The error amplifier monitors the scaled
output voltage via an internal voltage divider, R1 and R2,
and compares it to the bandgap voltage reference. The
error amplifierÕs output is a current which is equal to the
error amplifierÕs differential input voltage times its
transconductance. Therefore, the error amplifier varies the
base drive current to QN, which provides bias to QP, based
on the difference between the reference voltage and the
scaled output voltage, VOUT.
Antisaturation Protection
An antisaturation control circuit has also been added to
prevent the pass transistor from going into deep satura-
tion, which would cause excessive power dissipation due
to large bias currents lost to the substrate via a parasitic
PNP transistor, as shown in Figure 1.
Figure 1. The parasitic PNP transistor which is part of the pass transis-
tor (QP) structure.
VOUT
QP
VIN
QParasitic
Substrate
Voltage Reference and Output Circuitry
Package Lead Description
s Output Stage
Output Voltage, VOUT
9V < VIN < 16V,
4.90
5.00
5.10
V
100µA ² IOUT ² 150mA
Dropout Voltage (VIN-VOUT)IOUT = 150mA, -40¡C ² TA ² 85¡C
0.3
0.5
V
IOUT = 150mA, TA = 125¡C
0.6
V
Quiescent Current, (IQ)IOUT = 1mA @ VIN = 13V
200
µA
IOUT < 50mA @ VIN = 13V
4
6
mA
IOUT < 150mA @ VIN = 13V
15
25
mA
Load Regulation
VIN = 14V, 100µA < IOUT < 150mA
5
50
mV
Line Regulation
6V < V < 26V, IOUT = 1mA
5
50
mV
Ripple Rejection
7 Ð VIN Ð 17V, IOUT = 150mA,
60
75
dB
f = 120Hz
Current Limit
175
250
mA
Short Circuit Output Current
VOUT = 0V
60
200
mA
Reverse Current
VOUT = 5V, VIN = 0V
140
200
µA
3L D2PAK
3L TO-220
11
VIN
Input Voltage
2
2
Gnd
Ground. All Gnd leads must be connected to Ground.
33
VOUT
5V, ±2%, 150mA Output.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com