Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8321 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8321
Description  Micropower 5V, 150mA Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8321 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8321 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8321 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8321 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8321 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8321 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8321 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
Error
Amplifier
VIN
Gnd
VOUT
+
-
Current Limit
Sense
VOUTSense*
Bandgap
Reference
Current Source
(Circuit Bias)
QP
QN
R
R1
R2
*Note: Lead shorted to VOUT in 3 pin applications
s
5V ±2% Output
s
Low 140µA (typ)
Quiescent Current
s
150mA Output Current
Capability
s
Fault Protection
-15V Reverse Voltage
Output Current Limit
s
Low Reverse Current
(Output to Input)
Package Options
Micropower 5V, 150mA Low Dropout
Linear Regulator
CS8321
Description
The CS8321 is a precision 5V
micropower voltage regulator with
very low quiescent current (140µA
typ at 1mA load). The 5V output is
accurate within ±2% and supplies
150mA of load current with a typi-
cal dropout voltage of only 300mV.
This combination of low quiescent
current and outstanding regulator
performance makes the CS8321
ideal for any battery operated
equipment.
The regulator is protected against
reverse battery and short circuit
conditions. The device can with-
stand 45V load dump transients
making it suitable for use in auto-
motive environments.
Block Diagram
3L D2PAK
1
1. VIN
2. Gnd
3. VOUT
Other Packages: 16L SO, 16L PDIP,
8L SO, 8L PDIP, (consult factory)
3L TO-220
1
1. VIN
2. Gnd
3. VOUT
Transient Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-15V, 45V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Internally Limited
ESD Susceptibility (Human Body Model) . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40¡C to 150¡C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65C to 150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) . . . . . . . .10 sec. max, 260¡C peak
Reflow (SMD styles only) . . . . . . . .60 sec. max above 183¡C, 230¡C peak
Absolute Maximum Ratings
A
Company
¨
Rev. 11/25/96
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8321

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8321 ONSEMI-CS8321 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8321YDP3 ONSEMI-CS8321YDP3 Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8321YDP3G ONSEMI-CS8321YDP3G Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8321YDPR3 ONSEMI-CS8321YDPR3 Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
More results

Similar Description - CS8321

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Semtech Corporation
SC11222CSK.TR SEMTECH-SC11222CSK.TR Datasheet
140Kb / 5P
150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com