Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC157L-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC157L-S16-R
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC157L-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC157L-S16-R Datasheet HTML 1Page - Unisonic Technologies U74LVC157L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74LVC157L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74LVC157L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74LVC157L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74LVC157L-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74LVC157
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-990. A
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)(see Figure 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(A or B) to output(Y)
tPLH/tPHL
VCC=1.8V±0.15V, CL=30pF
1
5.5
13.5
ns
VCC=2.5V±0.2V, CL=30pF
1
3.2
7.4
VCC=2.7V, CL=50pF
1
3.6
5.7
VCC=3.3V±0.3V, CL=50pF
1
3
5
Propagation delay from input
(
B
/
A
) to output(Y)
tPLH/tPHL
VCC=1.8V±0.15V, CL=30pF
1
6
15.5
ns
VCC=2.5V±0.2V, CL=30pF
1
3.7
9.6
VCC=2.7V, CL=50pF
1
4.1
7.9
VCC=3.3V±0.3V, CL=50pF
1
3.4
6.6
Propagation delay from input
( G ) to output(Y)
tPLH/tPHL
VCC=1.8V±0.15V, CL=30pF
1
5.9
13.5
ns
VCC=2.5V±0.2V, CL=30pF
1
3.5
9.3
VCC=2.7V, CL=50pF
1
3.9
7.6
VCC=3.3V±0.3V, CL=50pF
1
3.3
6.3
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
f=10MHZ
VCC=1.8V
14
pF
VCC=2.5V
15
VCC=3.3V
16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com