Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC157L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC157L-S16-R
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC157L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC157L-S16-R Datasheet HTML 1Page - Unisonic Technologies U74LVC157L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74LVC157L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74LVC157L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74LVC157L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74LVC157L-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC157
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-990. A
QUADRUPLE 2-LINE TO 1-LINE
DATA
SELECTORS/MULTIPLEXERS
DESCRIPTION
The U74LVC157 is designed for 1.65V to 3.6V VCC operation.
The device features a common strobe ( G ) input. When ( G) is
high, all outputs are low. When G is low, a 4-bit word is selected
from one of two sources and is routed to the four outputs.
FEATURES
* Operate From 1.65V to 3.6V
* Inputs Accept Voltages to 5.5V
* Max tpd of 5.2ns at 3.3V
* Typical VOLP (Output Ground Bounce)<0.8V at VCC=3.3V, TA=25°C
* Typical VOHV (Output VOH Undershoot)>2V at VCC=3.3V, TA=25°C
SOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC157L-S16-T
U74LVC157G-S16-T
SOP-16
Tube
U74LVC157L-S16-R
U74LVC157G-S16-R
SOP-16
Tape Reel
U74LVC157L-S16-T
(1) Packing Type
(2) Package Type
(3) Halogen Free
(1) T: Tube, R: Tape Reel
(2) S16: SOP-16
(3) L: Lead Free, G: Halogen Free


Similar Part No. - U74LVC157L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC157G-S16-R UTC-U74LVC157G-S16-R Datasheet
204Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
More results

Similar Description - U74LVC157L-S16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC158 TI-SN54AHC158 Datasheet
116Kb / 7P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC157 TI-SN54HC157 Datasheet
515Kb / 15P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com