Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4060BG-P16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCD4060BG-P16-R
Description  CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4060BG-P16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UCD4060BG-P16-R Datasheet HTML 1Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 2Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 3Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 4Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 5Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 6Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 7Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 8Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UCD4060B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-866.b
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5 ~ 20
V
Input Voltage
VIN
-0.5 ~VCC+0.5
V
Output Voltage
VOUT
-0.5 ~VCC+0.5
V
Input Clamp Current (VIN<0, or VIN>VDD)
IIK
±10
mA
Power Dissipation
TA=-40°C~+85°C
PD
500
mW
Operating Temprature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-16
θJA
90
°C/W
TSSOP-16
110
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TPY
MAX
UNIT
Supply Voltage
VDD
3
18
V
Input-Pulse Width
tW
VDD=5V
100
ns
VDD=10V
40
VDD=15V
30
Input-Pulse Frequency
fφI
VDD=5V
3.5
MHz
VDD=10V
8
VDD=15V
12
Input-Pulse Rise and Fall Time
tr / tf
VDD=5V
Unlimited
μs
VDD=10V
VDD=15V
Reset Pulse Width
tW
VDD=5V
120
ns
VDD=10V
60
VDD=15V
40



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com