Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4060BG-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCD4060BG-P16-R
Description  CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4060BG-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCD4060BG-P16-R Datasheet HTML 1Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 2Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 3Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 4Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 5Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 6Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 7Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 8Page - Unisonic Technologies UCD4060BG-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCD4060B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-866.b
CMOS 14-Stage Ripple-Carry
Binary Counter/Divider and
Oscillator
DESCRIPTION
UCD4060B
consists of an oscillator section and 14 ripple-carry
binary counter stages. The oscillator configuration allows design of
either RC or crystal oscillator circuits. A RESET input is provided
which resets the counter to the all-O’s state and disables the
oscillator. A high level on the RESET line accomplishes the reset
function. All counter stages are master-slave flip-flops. The state of
the counter is advanced one step in binary order on the negative
transition of ФI and ФO. All inputs and outputs are fully buffered.
Schmitt trigger action on the input-pulse line permits unlimited
input-pulse rise and fall times.
FEATURES
* 12MHz clock rate at 15V
* Common reset
* Fully static operation
* Buffered inputs and outputs
* Schmitt trigger input-pulse line
Oscillator Features
* All active components on chip
* RC or crystal oscillator configuration
* RC oscillator frequency of 690 kHz min. at 15V
APPLICATIONS
* Control counters
* Timers
* Frequency dividers
* Time-delay circuits
SOP-16
TSSOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCD4060BL-S16-R
UCD4060BG-S16-R
SOP-16
Tape Reel
UCD4060BL-S16-T
UCD4060BG-S16-T
SOP-16
Tube
UCD4060BL-P16-R
UCD4060BG-P16-R
TSSOP-16
Tape Reel
UCD4060BL-P16-T
UCD4060BG-P16-T
TSSOP-16
Tube


Similar Part No. - UCD4060BG-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4060BG-P16-R UTC-UCD4060BG-P16-R Datasheet
241Kb / 9P
CMOS 14-Stage Ripple-Carry Binary Counter/Divider
More results

Similar Description - UCD4060BG-P16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
110Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
System Logic Semiconduc...
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
Intersil Corporation
CD4060BMS INTERSIL-CD4060BMS Datasheet
91Kb / 9P
CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
logo
Micro Electronics
MMC4060 MICRO-ELECTRONICS-MMC4060 Datasheet
164Kb / 4P
14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
logo
STMicroelectronics
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
Aug-2003
logo
Texas Instruments
CD4060BPW TI-CD4060BPW Datasheet
1Mb / 27P
CMOS 14-STAGE Ripple-Carry Binary Counter/Divider and Oscillator
logo
STMicroelectronics
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
logo
NXP Semiconductors
HEF4060BP652 PHILIPS-HEF4060BP652 Datasheet
115Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
Renesas Technology Corp
CD4060BMS RENESAS-CD4060BMS Datasheet
405Kb / 9P
CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
logo
Nexperia B.V. All right...
HEF4060B NEXPERIA-HEF4060B Datasheet
255Kb / 14P
14-stage ripple-carry binary counter/divider and oscillator
Rev. 10 - 8 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com