Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4606Z Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UD4606Z
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606Z Datasheet(HTML) 3 Page - Unisonic Technologies

  UD4606Z Datasheet HTML 1Page - Unisonic Technologies UD4606Z Datasheet HTML 2Page - Unisonic Technologies UD4606Z Datasheet HTML 3Page - Unisonic Technologies UD4606Z Datasheet HTML 4Page - Unisonic Technologies UD4606Z Datasheet HTML 5Page - Unisonic Technologies UD4606Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UD4606Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-763.a
ABSOLUTE MAXIMUM RATINGS (TA =25°C, unless otherwise specified)
N-CHANNEL
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
30
V
Gate to Source Voltage
VGSS
±20
V
Continuous Drain Current
2
ID
6.9
A
Pulsed Drain Current
2
IDM
30
A
Total Power Dissipation
PD
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
P-CHANNEL
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
-30
V
Gate to Source Voltage
VGSS
±20
V
Continuous Drain Current
2
ID
-6
A
Pulsed Drain Current
2
IDM
-30
A
Total Power Dissipation
PD
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Surface Mounted on 1in
2 pad area, t≤10sec.
THERMAL DATA
PARAMETER
SYMBOL
PATINGS
UNIT
Junction to Ambient (Note)
RθJA
110
°C/W
Note: Surface Mounted on 1in
2 pad area, t≤10sec.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com