Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4606Z Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD4606Z
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606Z Datasheet(HTML) 1 Page - Unisonic Technologies

  UD4606Z Datasheet HTML 1Page - Unisonic Technologies UD4606Z Datasheet HTML 2Page - Unisonic Technologies UD4606Z Datasheet HTML 3Page - Unisonic Technologies UD4606Z Datasheet HTML 4Page - Unisonic Technologies UD4606Z Datasheet HTML 5Page - Unisonic Technologies UD4606Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD4606Z
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-763.a
DUAL ENHANCEMENT MODE
(N-CHANNEL/P-CHANNEL)
DESCRIPTION
The UTC UD4606Z is a dual enhancement mode Power
MOSFET using UTC perfect trench technology to provide customers
with advanced RDS(ON) and low gate charge. This device has ESD
protection function.
These complementary MOSFETs can be used to form a level
shifted high side switch and for other applications.
FEATURES
* N-Channel: 30V/6.9A
RDS(ON)=22.5mΩ (TYP.) (VGS=10V)
RDS(ON)=34.5mΩ ((TYP.) (VGS=4.5V)
*P-Channel: -30V/-6A
RDS(ON)=28mΩ(TYP.) (VGS=-10V )
RDS(ON)=44mΩ(TYP.) (VGS=-4.5V)
* Reliable and rugged
* ESD protection
SYMBOL
(2)
G1
(7)(8)
D1
S1
(1)
S2
(3)
(4)
G2
(5)(6)
D2
N-Channel
P-Channel
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free Plating
Halogen Free
1
2
3
4
5
6
7
8
UD4606ZL-S08-R
UD4606ZG-S08-R
SOP-8
S1 G1 S2 G2 D2 D2 D1 D1 Tape Reel


Similar Part No. - UD4606Z

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UD4606Z VBSEMI-UD4606Z Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
UD4606ZL VBSEMI-UD4606ZL Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
UD4606ZL-S08-R VBSEMI-UD4606ZL-S08-R Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
UD4606ZL-S08-T VBSEMI-UD4606ZL-S08-T Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - UD4606Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD606 UTC-UD606 Datasheet
388Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4606 UTC-UD4606 Datasheet
310Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UD4614 UTC-UD4614 Datasheet
291Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003 UTC-UT5003 Datasheet
299Kb / 8P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003Z UTC-UT5003Z Datasheet
311Kb / 8P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTM4052 UTC-UTM4052 Datasheet
440Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT6NP10 UTC-UTT6NP10 Datasheet
259Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT10NP06 UTC-UTT10NP06 Datasheet
245Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/ P-CHANNEL)
logo
Stanson Technology
STC6602 STANSON-STC6602 Datasheet
873Kb / 8P
Dual N&P Channel Enhancement Mode MOSFET
logo
Microchip Technology
TC2320 MICROCHIP-TC2320 Datasheet
531Kb / 12P
N-Channel and P-Channel Enhancement-Mode Dual MOSFET
11/07/16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com