Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-CS3712 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CL-CS3712
Description  Integrated AVI/ATAPI DVD Drive Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-CS3712 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CL-CS3712 Datasheet HTML 9Page - Cirrus Logic CL-CS3712 Datasheet HTML 10Page - Cirrus Logic CL-CS3712 Datasheet HTML 11Page - Cirrus Logic CL-CS3712 Datasheet HTML 12Page - Cirrus Logic CL-CS3712 Datasheet HTML 13Page - Cirrus Logic CL-CS3712 Datasheet HTML 14Page - Cirrus Logic CL-CS3712 Datasheet HTML 15Page - Cirrus Logic CL-CS3712 Datasheet HTML 16Page - Cirrus Logic CL-CS3712 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
C ONFIDEN TIAL
DS588PP1 - rev 0.4 April 11, 2002
Copyright
© 2002 Cirrus Logic Inc.
Register Map
PRELIMINARY DRAFT
www.cirrus.com
9
38H-39H
Host Buffer Start Address (HBSA)
R/W
3CH-3DH
Local Address Base Pointer (LABP)
R/W
40H-41H
Host Buffer End Address (HBEA)
R/W
44H-45H
Host Transfer Count (HTC)
R/W
46H
Scheduled Buffer Data Access (SBDA)
R/W
47H
Buffer Transfer Control (BTC)
R/W
48H-49H
Adjust Difference Block Count (ADBC)
R/W
4AH
Host Transfer Sector Type (HTST)
R/W
4BH
Host Transfer Format 1 (HTF1)
R/W
4CH
Host Transfer Format 2 (HTF2)
R/W
4DH
Buffer Timing Control (BTIM)
R/W
4EH
Buffer Mode Control (BMC)
R/W
4FH
DRAM Refresh Period (RFSH)
R/W
50H-51H
Disc Address Pointer (DAP)
R/W
54H-55H
Disc Buffer Start Address (DBSA)
R/W
58H-5BH
Disc Transfer Count (DTC)
R/W
5CH-5DH
Disc Buffer End Address (DBEA)
R/W
60H-61H
Corrector Address Pointer (CAP)
R/W
64H-65H
Sector to be Corrected (STC)
R/W
66H-67H
Current Host Transfer Count (CHTC)
R
68H-6BH
Corrector Transfer Count (CTC)
R/W
70H-71H
Buffer Sector Size (BSS)
R/W
72H-73H
Difference Block Count (DBC)
R/W
74H-77H
Local Address Offset Pointer (LAOP)
R/W
78H-79H
Navigation Pack Address Pointer (NAP)
R
7AH-7BH
Navigation Pack Detected (NAVPKDET)
R
7CH
Navigation Play Control (NAVCTL)
R/W
7FH
Threshold Transfer Count (TTC)
R/W
80H
Decoder Operation Mode (DOPMD)
R/W
81H
Disc Configuration (DCFG)
R/W
82H
Disc Transfer Control/Status (DCTRL)
R/W
83H
ECC Control/Status 1 (ECC1)
R/W
84H
DVD ECC Error Information (ECC2)
R/W
85H
Data Channel Interface Configuration 2 (DCCFG2)
R/W
86H
Target Header (TRGHD)
R/W
87H
Target Header Search Time-Out (HSTO)
R/W
88H
RAW Header/Subheader Read-Out (RHDRD)
R
89H
RAW Header Mismatch Threshold (RHDMTH)
R/W
8BH
Expected Header Read-Out (EXPHD)
R
Table 1: CL-CS3712 Registers
Address (Hex)
Register Name
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com