Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-CS3712 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CL-CS3712
Description  Integrated AVI/ATAPI DVD Drive Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-CS3712 Datasheet(HTML) 2 Page - Cirrus Logic

  CL-CS3712 Datasheet HTML 1Page - Cirrus Logic CL-CS3712 Datasheet HTML 2Page - Cirrus Logic CL-CS3712 Datasheet HTML 3Page - Cirrus Logic CL-CS3712 Datasheet HTML 4Page - Cirrus Logic CL-CS3712 Datasheet HTML 5Page - Cirrus Logic CL-CS3712 Datasheet HTML 6Page - Cirrus Logic CL-CS3712 Datasheet HTML 7Page - Cirrus Logic CL-CS3712 Datasheet HTML 8Page - Cirrus Logic CL-CS3712 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
C ONFIDEN TIAL
DS588PP1 - rev 0.4 April 11, 2002
Copyright
© 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
www.cirrus.com
Features (Cont.)
Overview (Cont.)
RF Amp
• Provides laser power control
• Gain control in digital domain
• Generates focus error and tracking signal
• Provides RF signal for the data channel
• Bypass for external RF amp applications
Data Channel
• Digital PLL provides flexible control of center
frequency to support improved access times
• Channel quality provided for parametric calibration
• Channel data rates up to 210 Mbits/sec.
• Flexible and error-tolerant channel sync mark
windowing
SCP (Servo Control Processor)
• Includes a servo control processor for focus, tracking,
sled, and spindle servo loops
• Significantly faster capture for focus and tracking
• Effective in a wide range of parameter variations
• Superior response to defects, shock, and vibration
• Supports both CLV (constant linear velocity) and CAV
(constant angular velocity) modes
ECC
• Real-time DVD ECC error correction
• Real-time CD-ROM layered ECC error correction with
programmable number of sets of P-word and Q-word
corrections per sector (up to 64 total)
• C1/C2 ECC and de-interleaving
• Real-time subcode error correction in CD-DA
(compact disc digital audio) mode
Decoder
• Supports hardware streaming operation
• DVD navigation support
• Supports ADB (audio data buffering)
• Automatic target sector header search
• Hardware sector header validity check
• Supports high-speed Intel®- and Motorola®-type
microcontrollers
• Supports nonmultiplexed and multiplexed address
and data buses
Host Interface
• True real-time hardware/software ATAPI compatibility
• Supports Ultra DMA: capable of synchronous DMA
data rates up to 33.3 Mbytes/sec.
• Supports ATA PIO modes 3 and 4 transfers without
IOCHRDY
Host Interface (cont.)
• Supports DMA modes 1 and 2
• Hardware implementation of:
- ATAPI packet command
- ATAPI reset command
High-Performance
• PIO/DMA ATAPI bus transfer rate:
- PIO modes 3 and 4, multiword DMA modes 1
and 2, and singleword DMA modes 1 and 2
• Data transfer rate:
- CD-ROM CLV –maximum 32
× data rate with
25% overspeed capture
- CD-ROM CAV – maximum 40
× OD data rate
- DVD-ROM CLV – maximum 6
× data rate with
33% overspeed capture
- DVD-ROM CAV – maximum 8
× OD data rate
- DVD+R CLV – max. 4x read
• Buffer bandwidth:
- 55 Mbytes per second with 16-bit DRAM
Buffer Manager
• Dual-port circular buffer control with access-priority
resolver
• Supports streaming operation
• Direct addressing of up to 4 Mbytes of DRAM
• Supports variable buffer segmentation
• Programmable timing control for SDRAM
• Host overrun control
• Supports 16-bit SDRAM
The CL-CS3712 servo control processor implements the
focus, tracking, sled, and spindle servo loops. An ADC is
provided to convert the focus and tracking error signal.
The outputs to the power drivers are linear DACs.
The CL-CS3712 supports real-time DVD ECC, CD-ROM
C1/C2, and layered ECC correction, which is
programmable for up to 64 P- and Q-word corrections per
sector. It also supports subcode R/W correction in CD-
DA (compact disc digital audio) mode.
The buffer manager controls the flow of data from the data
channel, through the ECC, and to either the host interface
or the serial audio channel. Data is stored and retrieved in
the external buffer memory using interleaved access
cycles. The buffer memory is implemented with SDRAM
devices. Up to 4 Mbytes of SDRAM can be directly
addressed by the CL-CS3712.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com