Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4224 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 17Page - Cirrus Logic CS4224 Datasheet HTML 18Page - Cirrus Logic CS4224 Datasheet HTML 19Page - Cirrus Logic CS4224 Datasheet HTML 20Page - Cirrus Logic CS4224 Datasheet HTML 21Page - Cirrus Logic CS4224 Datasheet HTML 22Page - Cirrus Logic CS4224 Datasheet HTML 23Page - Cirrus Logic CS4224 Datasheet HTML 24Page - Cirrus Logic CS4224 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
CS4223 CS4224
DS290PP3
21
SDOUT
8
Serial Data Output (
Output) - Two’s complement MSB-first serial data is output on this pin.
The required relationship between the left/right clock, serial clock and serial data is defined by
the DSP Port Mode (05h) register. The options are detailed in Figures 8 - 11.
SDIN
9
Serial Data Input (
Input) - Two’s complement MSB-first serial data is input on this pin. The
required relationship between the left/right clock, serial clock and serial data is defined by the
DSP Port Mode (05h) register. The options are detailed in Figures 8 - 11.
SCL/CCLK
10
Serial Control Port Clock (
Input) - Clocks the serial control bits into and out of the CS4224.
In I2C mode, SCL requires an external pull-up resistor according to the I2C specification.
SDA/CDIN
11
Serial Control Port Data (
Input/Output)- SDA is a data I/O line in I2C mode and requires an
external pull-up resistor according to the I2C specification. CDIN in the input data line for the
serial control port in SPI mode.
AD0/CS
12
Address Bit/Control Chip Select (
Input) - In I2C mode, AD0 is a chip address bit. In SPI
mode, CS is used to enable the control port interface on the CS4224. The CS4224 control port
interface is defined by the SPI/I2C pin.
VL
13
Logic Power (
Input) - Positive power supply for the digital interface section. Typically 3.0 to
5.0 VDC.
AINR-, AINR+
16,17
Differential Right Channel Analog Input (
Input) - The full scale analog input level (differen-
tial) is specified in the Analog Characteristics specification table and may be AC coupled or DC
coupled into the device, see Figure 12 for optional line input buffer.
I2C/SPI
18
Control Port Format (
Input) - When this pin is high, I2C mode is selected, when low, SPI is
selected.
AINL-, AINL+
19,20
Differential Left Channel Analog Input (
Input) - The full scale analog input level (differential)
is specified in the Analog Characteristics specification table and may be AC coupled or DC
coupled into the device, see Figure 12 for optional line input buffer.
VA
21
Analog Power (
Input) - Positive power supply for the analog section. Typically 5.0 VDC.
AGND
22
Analog Ground (
Input) - Analog ground reference.
AOUTR-,
AOUTR+
23, 24
Differential Right Channel Analog Outputs (
Output) - The full scale analog output level (dif-
ferential) is specified in the Analog Characteristics specification table.
AOUTL-, AOUTL+
25, 26
Differential Left Channel Analog Outputs (
Output) - The full scale analog output level (dif-
ferential) is specified in the Analog Characteristics specification table.
RST
27
Reset (
Input) - When low, the device enters a low power mode and all internal registers are
reset, including the control port. When high, the control port becomes operational and normal
operation will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com