Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4224 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4224 Datasheet HTML 1Page - Cirrus Logic CS4224 Datasheet HTML 2Page - Cirrus Logic CS4224 Datasheet HTML 3Page - Cirrus Logic CS4224 Datasheet HTML 4Page - Cirrus Logic CS4224 Datasheet HTML 5Page - Cirrus Logic CS4224 Datasheet HTML 6Page - Cirrus Logic CS4224 Datasheet HTML 7Page - Cirrus Logic CS4224 Datasheet HTML 8Page - Cirrus Logic CS4224 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CS4223 CS4224
4
DS290PP3
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25° C; VA, VD = +5 V; Full Scale Input Sine wave, 997 Hz;
Fs = 48 kHz; Measurement Bandwidth is 20 Hz to 20 kHz; Local components as shown in Figures 4 and 5; SPI®
mode, Format 0, unless otherwise specified.)
Notes: 1. Referenced to typical full-scale differential input voltage (2 Vrms).
2. Filter characteristics scale with output sample rate. For output sample rates, Fs, other than 48 kHz, the
0.01 dB passband edge is 0.4535x Fs and the stopband edge is 0.625x Fs.
3. The analog modulator samples the input at 6.144 MHz for an Fs equal to 48 kHz. There is no rejection
of input signals which are multiples of the sampling frequency (n x 6.144 MHz ±21.8 kHz where
n = 0,1,2,3...).
4. Group delay for Fs = 48 kHz, tgd = 15/48 kHz = 312 µs.
Parameter
Symbol
CS4223/4 - KS
CS4223/4 - BS
Unit
Min
Typ
Max
Min
Typ
Max
Analog Input Characteristics
ADC Resolution
--
24
--
24
Bits
Total Harmonic Distortion
THD
-
0.0014
-
-
0.0014
-
%
Dynamic Range
A-weighted
unweighted
100
97
105
102
-
-
95
92
105
102
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 1) THD+N
-
-97
-92
-
-97
-87
dB
Interchannel Isolation
(1 kHz)
-
90
-
-
90
-
dB
Interchannel Gain Mismatch
-
-
0.1
-
-
0.1
dB
Offset Error
with High Pass Filter
-
-
0
-
-
0
LSB
Full Scale Input Voltage (Differential)
1.9
2.0
2.1
1.9
2.0
2.1
Vrms
Gain Drift
-
100
-
-
100
-
ppm/°C
Input Resistance
10
-
-
10
-
-
k
Ω
Input Capacitance
-
-
15
-
-
15
pF
Common Mode Input Voltage
-
2.3
-
-
2.3
-
V
A/D Decimation Filter Characteristics
Passband
(Note 2)
0
-
21.8
0
-
21.8
kHz
Passband Ripple
-
-
±0.01
-
-
±0.01
dB
Stopband
(Note 2)
30
-
6114
30
-
6114
kHz
Stopband Attenuation
(Note 3)
80
-
-
80
-
-
dB
Group Delay (Fs = Output Sample Rate)
(Note 4)
tgd
-15/Fs
-
-
15/Fs-
s
Group Delay Variation vs. Frequency
∆t
gd
--
0
-
-
0
µs
High Pass Filter Characteristics
Frequency Response
-3 dB (Note 2)
-0.1 dB
-
-
3.7
20
-
-
-
-
3.7
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 2)
-
10
-
-
10
-
Degree
Passband Ripple
-
-
0
-
-
0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com