Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4225 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4225
Description  Digital Audio Conversion System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4225 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4225 Datasheet HTML 1Page - Cirrus Logic CS4225 Datasheet HTML 2Page - Cirrus Logic CS4225 Datasheet HTML 3Page - Cirrus Logic CS4225 Datasheet HTML 4Page - Cirrus Logic CS4225 Datasheet HTML 5Page - Cirrus Logic CS4225 Datasheet HTML 6Page - Cirrus Logic CS4225 Datasheet HTML 7Page - Cirrus Logic CS4225 Datasheet HTML 8Page - Cirrus Logic CS4225 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ANALOG CHARACTERISTICS( TA = 25°C; VA+, VD+ = +5V; Full Scale Input Sine wave, 1 kHz;
Word Clock = 48 kHz (PLL in use); Measurement Bandwidth is 20 Hz to 20 kHz; Local components as shown
in "Recommended Connection Diagram"; SPI mode, Format 0, unless otherwise specified.)
Parameter *
Symbol
Min
Typ
Max
Units
Analog Input Characteristics - Minimum gain setting (0 dB); unless otherwise specified.
ADC Resolution
Audio channels
16
-
-
Bits
Auxiliary channel
12
Bits
ADC Differential Nonlinearity
-
-
±0.9
LSB
Dynamic Range
Audio channels(A weighted):
82
85
-
dB
Total Harmonic Distortion + Noise (A weighted)
THD+N
-
-85
-82
dB
Interchannel Isolation
-
85
-
dB
Interchannel Gain Mismatch
-
-
.1
dB
Frequency Response
Audio channels(0 to 0.454 Fs):
-3.0
-
+0.2
dB
Programmable Input Gain
-0.2
-
46.7
dB
Gain Step
1.3
1.5
1.7
dB
Offset Error
-
10
-
LSB
Full Scale Input Voltage (Auxiliary and Audio channels):
2.66
2.8
2.94
Vpp
Gain Drift
-
100
-
ppm/
°C
Input Resistance
(Note 1)
10
-
-
k
Ω
Input Capacitance
-
-
15
pF
CMOUT Output Voltage
1.9
2.1
2.3
V
Specifications are subject to change without notice.
* Parameter definitions are given at the end of this data sheet.
Notes: 1. Input resistance is for the input selected. Non-selected inputs have a very high (>1M
Ω) input
resistance. The input resistance will vary with gain value selected, but will always be greater
than the min. value specified.
CS4225
2
DS86PP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com