Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4225 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4225
Description  Digital Audio Conversion System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4225 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4225 Datasheet HTML 1Page - Cirrus Logic CS4225 Datasheet HTML 2Page - Cirrus Logic CS4225 Datasheet HTML 3Page - Cirrus Logic CS4225 Datasheet HTML 4Page - Cirrus Logic CS4225 Datasheet HTML 5Page - Cirrus Logic CS4225 Datasheet HTML 6Page - Cirrus Logic CS4225 Datasheet HTML 7Page - Cirrus Logic CS4225 Datasheet HTML 8Page - Cirrus Logic CS4225 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ANALOG CHARACTERISTICS (Continued)
Parameter *
Symbol
Min
Typ
Max
Units
Analog Output Characteristics - Minimum Attenuation; Unless Otherwise Specified.
DAC Resolution
16
-
-
Bits
DAC Differential Nonlinearity
-
-
±0.9
LSB
Total Dynamic Range
(DAC muted,A weighted)
100
-
-
dB
Total Harmonic Distortion
(Note 2)
THD
-
-
0.01
%
Instantaneous Dynamic Range
85
88
-
dB
(DAC not muted, Note 2, A weighted)
Interchannel Isolation
(Note 2)
-
85
-
dB
Interchannel Gain Mismatch
-
-
0.2
dB
Frequency Response
(0 to 0.476 Fs)
-3.0
-
+0.2
dB
Programmable Attenuation
(All Outputs)
0.2
-
-117
dB
Attenuation Step
0.88
1.0
1.12
dB
Offset Voltage
-
10
-
mV
Full Scale Output Voltage
(Note 2)
2.66
2.8
2.94
Vpp
Gain Drift
-
100
-
ppm/
°C
Deviation from Linear Phase
-
-
5
Degrees
Out of Band Energy
(Fs/2 to 2Fs)
-
-60
-
dB
Analog Output Load
Resistance:
8
-
-
k
Ω
Capacitance:
-
-
100
pF
Power Supply
Power Supply Current
Operating
-
120
TBD
mA
Power Down
-
1
TBD
mA
Power Supply Rejection
(1 kHz)
-
40
-
dB
Notes:
2. 10 k
Ω, 100 pF load.
CS4225
DS86PP8
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com