Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-77 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PCM-77
Description  Network and Electrical Solutions
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCM-77 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PCM-77 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Search Results
Home > Products Overview > Search Results >
Current refinements (click
to remove)
Search Tips
Text Search: 'PCM-77'
Your search criteria matched only one product, shown below
PCM-77
Suffix numbers are used to extend numbers or to create alpha -numeric cods. For example,
adding suffix number 10 to number 700 creates 70010.
• Marker cards printed in a variety of legends allows 'kitting' for project builds
• Plastic liner provides easy removal of markers while protecting unused markers
Part Number
PCM-77
RoHS Compliancy Status
Compliant
Part Description
Wire Marker Card, Vinyl Cloth, '77'
Material
Vinyl cloth
Length (In.)
1.50
Length (mm)
38.10
Width (In.)
.25
Width (mm)
6.40
Color (Legend/Background)
Black/White
Legend
77
Markers Per Card
36
Max. Wire O.D. (In.)
0.38
Max. Wire O.D. (mm)
9.5
Pricing Description
Pre-Printed WM Card, Vinyl Cloth, .22" W x 1.38" L, 77 legend only
Min. Order UOM
CG
Min. Order Qty.
5
BOM Qty. (# of Pkgs.)
0
0
Add to Favorite Product List
g
fe
d
c
Please register to utilize the 'Bill of Materials', 'Submit Quotes' and 'Favorite Product List' features.
Home| Industries | Solutions | Products | Partners | Support | Contact Us | Site Map| Careers
Copyright © 1995-2009, PANDUIT CORP. All rights reserved. |
Legal Information| Privacy Policy
Evaluate
- FAQ's
How to Buy
- Bill of Material
- Favorite Products List
- Locate Distributor
Home
Industries
Solutions
Products
Partners
Support
About Us
Careers
-Search-
Entire Site


Similar Part No. - PCM-77

ManufacturerPart #DatasheetDescription
logo
Directed Energy, Inc.
PCM-7700 DEI-PCM-7700 Datasheet
1Mb / 6P
Pulsed Current Source
PCM-7700-48 DEI-PCM-7700-48 Datasheet
1Mb / 6P
Pulsed Current Source
PCM-7700-EX DEI-PCM-7700-EX Datasheet
1Mb / 6P
Pulsed Current Source
More results

Similar Description - PCM-77

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PCA18-5 PANDUIT-PCA18-5 Datasheet
71Kb / 1P
Network and Electrical Solutions
WS75-25-C PANDUIT-WS75-25-C Datasheet
72Kb / 1P
ELECTRICAL SOLUTIONS
PRT2S-C PANDUIT-PRT2S-C Datasheet
94Kb / 1P
ELECTRICAL SOLUTIONS
PCM-X4 PANDUIT-PCM-X4 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-52 PANDUIT-PCM-52 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-T1 PANDUIT-PCM-T1 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-106 PANDUIT-PCM-106 Datasheet
100Kb / 1P
Network and Electrical Solutions
logo
Keysight Technologies
N1077A KEYSIGHT-N1077A Datasheet
1Mb / 19P
Electrical and Optical Clock Data Recovery Solutions
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
Industrial Electrical Solutions
PMNF-R PANDUIT-PMNF-R Datasheet
73Kb / 1P
ELECTRICAL SOLUTIONS
2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com