Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM7204 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UM7204
Description  RoHS Compliant Versions Available
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM7204 Datasheet(HTML) 1 Page - Microsemi Corporation

  UM7204 Datasheet HTML 1Page - Microsemi Corporation UM7204 Datasheet HTML 2Page - Microsemi Corporation UM7204 Datasheet HTML 3Page - Microsemi Corporation UM7204 Datasheet HTML 4Page - Microsemi Corporation UM7204 Datasheet HTML 5Page - Microsemi Corporation UM7204 Datasheet HTML 6Page - Microsemi Corporation UM7204 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UM7000 / UM7100 / UM7200
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
1
TM
®
HIGH POWER PIN DIODES
RoHS Compliant Versions Available
IMPORTANT:
For the most current data, consult MICROSEMI’s website: www.MICROSEMI.com
Copyright
 2006
Rev.: 2009-01-19
KEY FEATURES
Voltage ratings to 1000V (UM7000)
Average power dissipation to 10 W
Series resistance as low as 0.25 Ω
Carrier lifetime greater than 2.5 µs
Low capacitance
Low conductance (High RP)
Compatible with automated
assembly
RoHS compliant packaging
Available
1
(Use UMX7202B, etc.)
1
The UM7000 series of products can be
supplied with a RoHS compliant finish
(UMX7000) or with a 90/10 Sn/Pb finish.
Stud Packages C/CR/D/DR are supplied
with a RoHS complaint Gold finish
Consult factory for details.
D E SCRI PTI ON
The UM7000 and UM7100 series offer moderately high power handling in
combination with reasonably low levels of both series resistance and
capacitance. The UM7200 series offers the lowest series resistance, but the
highest capacitance of the group. The differences in specified performance
for each of the series, results from different I-region thickness. The three
series have broad applicability in many RF and microwave switch and
attenuator circuits. Additionally, the UM7100 in leaded versions is usually the
most cost-effective diode choice in high volume usage.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Package
Conditions
(PD ) Power
Dissapation
(W)
( Θ )Thermal
Resistance
(
OC/W)
A
25
OC Pin Temperature
10
15V
B
5.5
27.5
E
½ in. total length to 25
OC
Contact Free Air
1.5
C
25
OC Stud Temperature
10
15
D
25
OC Stud Temperature
7.5
20
SM
25
OC End Cap Temperature
8
17
ALL
1 us pulse (Single)
100KW
60 kW
35 kW
20 kW
ALL
Storage Temperature (TOP)
-65
OC to + 175 OC
ALL
Operating Temperature (TOP)
-65
OC to + 175 OC
APPLICATIONS/BENEFITS
Isolated stud package available
Surface mount package available
Soldering temperature:
260
oC for 10 seconds
maximum


Similar Part No. - UM7204

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7204 MICROSEMI-UM7204 Datasheet
179Kb / 4P
PIN DIODE
UM7204 MICROSEMI-UM7204 Datasheet
335Kb / 7P
HIGH POWER PIN DIODES
UM7204 MICROSEMI-UM7204 Datasheet
322Kb / 7P
Average power dissipation to 10 W
logo
Microchip Technology
UM7204A MICROCHIP-UM7204A Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
logo
Microsemi Corporation
UM7204B MICROSEMI-UM7204B Datasheet
322Kb / 7P
HIGH POWER PIN DIODES
More results

Similar Description - UM7204

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
Bourns Electronic Solut...
4114R-1-101 BOURNS-4114R-1-101 Datasheet
223Kb / 2P
RoHS compliant* versions available (see How to Order ?쏷ermination??option)
4116R-1-470 BOURNS-4116R-1-470 Datasheet
223Kb / 2P
RoHS compliant* versions available (see How to Order ?쏷ermination??option)
logo
Vicor Corporation
VE-JT4-IW VICOR-VE-JT4-IW Datasheet
189Kb / 5P
RoHS compliant (VE versions)
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
RoHS Compliant Available
logo
Micross Components
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
RoHS Compliant Options Available
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
RoHS compliant options available
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
RoHS versions available
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com