Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM7204 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UM7204
Description  RoHS Compliant Versions Available
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM7204 Datasheet(HTML) 2 Page - Microsemi Corporation

  UM7204 Datasheet HTML 1Page - Microsemi Corporation UM7204 Datasheet HTML 2Page - Microsemi Corporation UM7204 Datasheet HTML 3Page - Microsemi Corporation UM7204 Datasheet HTML 4Page - Microsemi Corporation UM7204 Datasheet HTML 5Page - Microsemi Corporation UM7204 Datasheet HTML 6Page - Microsemi Corporation UM7204 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UM7000 / UM7100 / UM7200
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
2
TM
®
HIGH POWER PIN DIODES
RoHS Compliant Versions Available
.
VOLTAGE RATINGS
Copyright
 2006
Rev.: 2009-01-19
@ 25
C (unless otherwise specified)
Part Number
Reverse Voltage @ 10uA (V)
UM7001
UM7101
UM7201
100
UM7002
UM7102
UM7202
200
-
UM7104
UM7204
400
UM7006
-
-
600
-
UM7108
-
800
UM7010
-
-
1000
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Parameter
Symbol
Conditions
UM7000
UM7100
UM7200
Units
Reverse Current (Max)
IR
At rated voltage
10
10
10
uA
Series Resistance(Max)
RS
IF = 100 mA, F= 100 MHz
1.0
0.6
0.25
Ohm
Capacitance (Max)
CT
VR = 100 V, F = 1 MHz
0.9
1.2
2.2
pF
Parallel Resistance(Min)
RP
VR = 100 V, F = 100 MHz
200k
150k
70k
Ohms
Carrier Lifetime(Min)
TL
IF = 10 mA
2.5
2.0
1.5
uS
I-Region Width (Min)
W
-
150
80
40
um
See following pages for performance graphs and mechanical data.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com