Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3243 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3243
Description  3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3243 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3243 Datasheet HTML 1Page - Unisonic Technologies UT3243 Datasheet HTML 2Page - Unisonic Technologies UT3243 Datasheet HTML 3Page - Unisonic Technologies UT3243 Datasheet HTML 4Page - Unisonic Technologies UT3243 Datasheet HTML 5Page - Unisonic Technologies UT3243 Datasheet HTML 6Page - Unisonic Technologies UT3243 Datasheet HTML 7Page - Unisonic Technologies UT3243 Datasheet HTML 8Page - Unisonic Technologies UT3243 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UT3243
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-573.F
PIN CONFIGURATION
1
C2+
2
C2-
3
V-
4
R1IN
5
R2IN
6
R3IN
7
R4IN
8
R5IN
9
T1OUT
10
T2OUT
11
T3OUT
12
T3IN
13
T2IN
14
T1IN
28 C1+
27 V+
26 VCC
25 GND
24 C1-
23 FORCEON
22 FORCEOFF
21 INVALID
20 R2OUTB
19 R1OUT
18 R2OUT
17 R3OUT
16 R4OUT
15 R5OUT
UTC
UT3243
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
C2+
Positive terminal of inverting charge-pump capacitor
2
C2-
Negative terminal of inverting charge-pump capacitor
3
V-
-5.5V generated by the charge pump
4~8
RXIN
RS-232 Receiver Inputs
9~11
TXOUT
RS-232 Transmitter Outputs
12~14
TXIN
TTL/CMOS Transmitter Inputs
15~19
RXOUT
TTL/CMOS Receiver Outputs
20
R2OUTB
Noninverting Receiver Output—active in shutdown
21
INVALID
Output of the valid signal detector. Indicates if a valid RS-232 level is present on
receiver inputs logic “1”.
22
FORCEOFF
Drive low to shut down transmitters and on-board power supply. This over-rides all
automatic circuitry and FORCEON (Table 1).
23
FORCEON
Drive high to override automatic circuitry keeping transmitters on ( FORCEOFF must
be high) (Table 1).
24
C1-
Negative terminal of the voltage doubler charge-pump capacitor
25
GND
Ground
26
VCC
+3.0V ~ +5.5V Supply Voltage
27
V+
+5.5V generated by the charge pump
28
C1+
Positive terminal of the voltage doubler charge-pump capacitor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com