Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3243 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT3243
Description  3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3243 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT3243 Datasheet HTML 1Page - Unisonic Technologies UT3243 Datasheet HTML 2Page - Unisonic Technologies UT3243 Datasheet HTML 3Page - Unisonic Technologies UT3243 Datasheet HTML 4Page - Unisonic Technologies UT3243 Datasheet HTML 5Page - Unisonic Technologies UT3243 Datasheet HTML 6Page - Unisonic Technologies UT3243 Datasheet HTML 7Page - Unisonic Technologies UT3243 Datasheet HTML 8Page - Unisonic Technologies UT3243 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UT3243
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-573.F
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VCC
VCC
-0.3~+6
V
V+ (Note 2)
V+
-0.3~+7
V
V- (Note 2)
V-
+0.3~-7
V
V+ +|V-| (Note 2)
VPUMP
+13
V
Input Voltages
T_IN, FORCEOFF , FORCEON
VIN
-0.3~+6
V
R_IN
±25
V
Output Voltages
T_OUT
VOUT
±13.2
V
R_OUT, INVALID
-0.3~(VCC+0.3)
V
Short-Circuit Duration
T_OUT
SC
Continuous
Power Dissipation(TA = 70°C)
PD
696
mW
Derating above TA=70°C
8.70
mW/°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V~+5.5V, C1~C4=0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
DC CHARACTERISTICS
Supply Current, Shutdown
ISHDN
VCC= 3.3V
or 5.0V,
TA = 25°C
All R_IN open, FORCEOFF =VCC,
FORCEON = GND
1.0
10
µA
FORCEOFF
= GND
1.0
10
µA
Supply Current,
Shutdown Disabled
ICC
FORCEON = FORCEOFF = VCC,
no load
0.3
1
mA
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold
Low
VLGL
T_IN, FORCEON, FORCEOFF
0.8
V
High
VLGH
T_IN, EN, FORCEON,
FORCEOFF
VCC = 3.3V
2.0
V
VCC = 5.0V
2.4
Input Leakage Current
IIN(LK)
T_IN, EN, FORCEON, FORCEOFF
±0.01 ±1.0
µA
Output Leakage Current
IROUT(LK) Receivers disabled
±0.05 ±10
µA
Output Voltage
Low
VROUTL
IOUT = 1.6mA
0.4
V
High
VROUTH
IOUT = -1.0mA
VCC - 0.6 VCC - 0.1
V
SHUTDOWN
(FORCEON = GND, FORCEOFF = VCC)
Receiver Input
Thresholds to
Transmitters
Enabled
VR(EN)
Fig.1
Positive threshold
2.7
V
Negative threshold
-2.7
Disabled
VR(DIS)
1µA supply current, Fig.1
-0.3
0.3
V
INVALID
Output
Voltage
Low
VINVL
IOUT = 1.6mA
0.4
V
High
VINVH
IOUT = -1.0mA
VCC - 0.6
V
Receiver Threshold to
Transmitters Enabled
tWU
Fig.2
250
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com