Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3222G-P20-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3222G-P20-R
Description  3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3222G-P20-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3222G-P20-R Datasheet HTML 1Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 2Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 3Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 4Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 5Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 6Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UT3222
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-986.a
PIN CONFIGURATION
9
8
7
6
5
4
3
2
1
18
17
16
14
15
13
12
11
10
19
20
EN
C1+
V+
C1-
C2+
C2-
V-
DOUT2
RIN2
ROUT2
NC
VCC
DOUT1
ROUT1
NC
DIN1
DIN2
RIN1
GND
PWRDOWN
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
EN
Receiver Enable. Active low.
2
C1+
Positive Terminal of Voltage-Doubler Charge-Pump Capacitor
3
V+
+5.5V Generated by the Charge Pump
4
C1-
Negative Terminal of Voltage-Doubler Charge-Pump Capacitor
5
C2+
Positive Terminal of Inverting Charge-Pump Capacitor
6
C2-
Negative Terminal of Inverting Charge-Pump Capacitor
7
V-
-5.5V Generated by the Charge Pump
8
DOUT2
RS-232 Transmitter Outputs
9
RIN2
RS-232 Receiver Inputs
10
ROUT2
TTL/CMOS Receiver Outputs
11, 14
NC
12
DIN2
TTL/CMOS Transmitter Inputs
13
DIN1
TTL/CMOS Transmitter Inputs
15
ROUT1
TTL/CMOS Receiver Outputs
16
RIN1
RS-232 Receiver Inputs
17
DOUT1
RS-232 Transmitter Outputs
18
GND
Ground
19
VCC
+3.0V to +5.5V Supply Voltage
20
PWRDOWN
Shutdown Control. Active low.
FUNCTION TABLE
For EACH DRIVER
INPUTS (DIN)
INPUTS( PWRDOWN )
OUTPUT DOUT
X
L
Z
L
H
H
H
H
L
For EACH RECEIVER
INPUTS(RIN)
INPUTS ( EN )
OUTPUT ROUT
L
L
H
H
L
L
X
H
Z
OPEN
L
H
H=High Level, L=Low Level, X=Irrelevant, Z=High Impedance (off),
OPEN=Input disconnected or connected driver off.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com