Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3222G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3222G-P20-R
Description  3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3222G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3222G-P20-R Datasheet HTML 1Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 2Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 3Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 4Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 5Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 6Page - Unisonic Technologies UT3222G-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3222
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-986.a
3V TO 5.5V MULTICHANNEL
RS-232 LINE TRANSCEIVERS
WITH ±15kV ESD PROTECTION
DESCRIPTION
The UTC UT3222 have two receivers and two transmitters, and a
dual charge-pump circuit with ±15kV ESD protection pin to pin
(serial-port connection pins, including GND). The device meets the
requirements of TIA/EIA-232-F and provides the electrical interface
between an asynchronous communication controller and the
serial-port connector. The charge pump and four small external
capacitors allow operation from a single 3V to 5.5V supply. The
device operates at data signaling rates up to 250 kbit/s and a
maximum of 30V/μS driver output slew rate.
The UTC UT3222 can be placed in the power-down mode by
setting PWRDOWN low, which draws only 1μA from the power
supply. When the device is powered down, the receivers remain
active while the drivers are placed in the high-impedance state. Also,
during power down, the onboard charge pump is disabled; V+ is
lowered to VCC and V− is raised toward GND. Receiver outputs also
can be placed in the high-impedance state by setting EN high.
FEATURES
TSSOP-20
* RS-232 Bus-Pin ESD Protection Exceeds±15 kV Using
Human-Body Model (HBM)
* Meets or Exceeds the Requirements of TIA/EIA-232-F and
ITU v.28 Standards
* Operates With 3V to 5.5V VCC Supply
* Operates Up To 250 kbit/s
* Two Drivers and Two Receivers
* Low Standby Current 1μA Typical
* External Capacitors 4×0.1μF
* Accepts 5V Logic Input With 3.3V Supply
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UT3222L-P20-T
UT3222G-P20-T
TSSOP-20
Tube
UT3222L-P20-R
UT3222G-P20-R
TSSOP-20
Tape Reel


Similar Part No. - UT3222G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3222G-P20-R UTC-UT3222G-P20-R Datasheet
220Kb / 7P
LOW POWER MULTI CHANNEL
UT3222G-P20-R UTC-UT3222G-P20-R Datasheet
213Kb / 7P
EXTERNAL CAPACITORS
More results

Similar Description - UT3222G-P20-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
February 27, 2006
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
logo
Texas Instruments
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Unisonic Technologies
UT3202 UTC-UT3202 Datasheet
267Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com