Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1NNPP10G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1NNPP10G-S08-R
Description  100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1NNPP10G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  1NNPP10G-S08-R Datasheet HTML 1Page - Unisonic Technologies 1NNPP10G-S08-R Datasheet HTML 2Page - Unisonic Technologies 1NNPP10G-S08-R Datasheet HTML 3Page - Unisonic Technologies 1NNPP10G-S08-R Datasheet HTML 4Page - Unisonic Technologies 1NNPP10G-S08-R Datasheet HTML 5Page - Unisonic Technologies 1NNPP10G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1NNPP10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-780.B
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
N-CHANNEL P-CHANNEL
Gate-Source Voltage
VGSS
±20
±20
V
Drain-Source Voltage
VDSS
100
-100
V
Drain Current
Continuous VGS=10V, TA=25°C, t ≤10 sec
ID
1
-0.85
A
Pulsed
VGS=10V, TA=25°C (Note1)
IDM
4.3
-3.64
A
Power Dissipation
TA=25°C
PD
0.87
W
Derating
6.94
mW/°C
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
144
°C/W
Notes: 1. Pulse width ≤ 300μs; duty cycle ≤ 2%. The pulse current is limited by the maximum junction temperature.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
FOR N-CHANNEL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
Drain-Source Leakage Current
IDSS
VDS=100V, VGS=0V
0.5
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100 nA
Reverse
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
4
V
Static Drain-Source On-State Resistance(Note 1)
RDS(ON)
VGS=10V, ID=1.5A
0.7
Ω
VGS=6V, ID=1A
0.9
Ω
DYNAMIC PARAMETERS
Input Capacitance (Note 3)
CISS
VGS=0V, VDS=25V, f=1.0MHz
138
pF
Output Capacitance (Note 3)
COSS
12
pF
Reverse Transfer Capacitance (Note 3)
CRSS
6
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 3)
QG
VGS=10V, VDS=50V, ID=1A
2.9
nC
Gate to Source Charge (Note 3)
QGS
0.7
nC
Gate to Drain Charge (Note 3)
QGD
1.0
nC
Turn-ON Delay Time (Note 2, 3)
tD(ON)
VDD=30V, ID=1A, RG≈6Ω,
VGS=10V
1.8
ns
Rise Time (Note 2, 3)
tR
1.5
ns
Turn-OFF Delay Time (Note 2, 3)
tD(OFF)
4.1
ns
Fall-Time (Note 2, 3)
tF
2.1
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
TA=25°C (Note 2)
1
A
Maximum Body-Diode Pulsed Current
ISM
TA=25°C (Note 3)
4.3
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS=1.5A, VGS=0V
0.95
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com