Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1NNPP10G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1NNPP10G-S08-R
Description  100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1NNPP10G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1NNPP10G-S08-R Datasheet HTML 1Page - Unisonic Technologies 1NNPP10G-S08-R Datasheet HTML 2Page - Unisonic Technologies 1NNPP10G-S08-R Datasheet HTML 3Page - Unisonic Technologies 1NNPP10G-S08-R Datasheet HTML 4Page - Unisonic Technologies 1NNPP10G-S08-R Datasheet HTML 5Page - Unisonic Technologies 1NNPP10G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1NNPP10
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-780.B
100V COMPLEMENTARY
ENHANCEMENT MODE
MOSFET H-BRIDGE
(N-CHANNEL/P-CHANNEL)
DESCRIPTION
The UTC 1NNPP10 is a complementary enhancement mode
MOSFET H-BRIDGE, it uses UTC advanced technology to provide
customers low on resistance, low gate charge and low threshold
voltage.
The UTC 1NNPP10 is universally applied in DC-AC Inverters and
DC Motor control.
FEATURES
* N-CHANNEL
- RDS(on) =0.7Ω @VGS =10V, ID=1.5A
- RDS(on) =0.9Ω @VGS = 6V, ID=1A,
* P-CHANNEL
- RDS(on) =1.0Ω @VGS =-10V, ID=-0.6A
- RDS(on) =1.45Ω @VGS = -6V , ID=-0.5A
* High switching speed
* Low gate charge (N-ch: Typ.=2.9nC, P-ch: Typ.=3.5nC)
SYMBOL
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
1NNPP10L-S08-R
1NNPP10G-S08-R
SOP-8
Tape Reel
1NNPP10L-S08-T
1NNPP10G-S08-T
SOP-8
Tube


Similar Part No. - 1NNPP10G-S08-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1NN4448W DIODES-1NN4448W Datasheet
91Kb / 4P
FAST SWITCHING SURFACE MOUNT DIODE
Rev 18
More results

Similar Description - 1NNPP10G-S08-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07N8 DIODES-ZXMHC10A07N8 Datasheet
727Kb / 11P
100V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
JUNE 2005
logo
Unisonic Technologies
2NNPP06 UTC-2NNPP06 Datasheet
221Kb / 6P
60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
Diodes Incorporated
DMHC10H170SFJ DIODES-DMHC10H170SFJ_15 Datasheet
292Kb / 10P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
ZXMHC10A07T8 DIODES-ZXMHC10A07T8_15 Datasheet
723Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 4
logo
DONGGUAN YOU FENG WEI E...
YFW8G10NF YFWDIODE-YFW8G10NF Datasheet
2Mb / 8P
100V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G10GD YFWDIODE-YFW15G10GD Datasheet
2Mb / 8P
100V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Diodes Incorporated
DMHC10H170SFJ DIODES-DMHC10H170SFJ Datasheet
890Kb / 10P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
May 2022
DMHT10H032LFJ DIODES-DMHT10H032LFJ Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com