Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60KL-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N60KL-T92-R
Description  2A, 600V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60KL-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N60KL-T92-R Datasheet HTML 1Page - Unisonic Technologies 2N60KL-T92-R Datasheet HTML 2Page - Unisonic Technologies 2N60KL-T92-R Datasheet HTML 3Page - Unisonic Technologies 2N60KL-T92-R Datasheet HTML 4Page - Unisonic Technologies 2N60KL-T92-R Datasheet HTML 5Page - Unisonic Technologies 2N60KL-T92-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N60K
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-819.C
2A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N60K is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching time,
low gate charge, low on-state resistance and have a high rugged
avalanche characteristics. This power MOSFET is usually used at
high speed switching applications in power supplies, PWM motor
controls, high efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) < 6.5Ω@VGS = 10V
* Ultra Low gate charge (typical 9.0nC)
* Low reverse transfer capacitance (CRSS = typical 5.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N60KL-TA3-T
2N60KG-TA3-T
TO-220
G
D
S
Tube
2N60KL-TF3-T
2N60KG-TF3-T
TO-220F
G
D
S
Tube
2N60KL-TF1-T
2N60KG-TF1-T
TO-220F1
G
D
S
Tube
2N60KL-TNS-T
2N60KG-TNS-T
TO-251S
G
D
S
Tube
2N60KL-TN3-T
2N60KG-TN3-T
TO-252
G
D
S
Tube
2N60KL-TN3-R
2N60KG-TN3-R
TO-252
G
D
S
Tape Reel
2N60KL-T92-B
2N60KG-T92-B
TO-92
G
D
S
Tape Box
2N60KL-T92-K
2N60KG-T92-K
TO-92
G
D
S
Bulk
2N60KL-T92-R
2N60KG-T92-R
TO-92
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source
2N60KL-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) T: Tube, R: Tape Reel, K: Bulk, B: Tape Box
(2) TA3: TO-220, TF3: TO-220F, TF1: TO-220F1
TMS: TO-251S, TN3: TO-252, T92: TO-92
(3) L: Lead Free, G: Halogen Free


Similar Part No. - 2N60KL-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60KL-TA3-T UTC-2N60KL-TA3-T Datasheet
253Kb / 7P
N-CHANNEL POWER MOSFET
2N60KL-TA3-T UTC-2N60KL-TA3-T Datasheet
242Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
2N60KL-TF1-T UTC-2N60KL-TF1-T Datasheet
253Kb / 7P
N-CHANNEL POWER MOSFET
2N60KL-TF1-T UTC-2N60KL-TF1-T Datasheet
242Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
2N60KL-TF2-T UTC-2N60KL-TF2-T Datasheet
253Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 2N60KL-T92-R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD2N60 AOSMD-AOD2N60 Datasheet
148Kb / 6P
2A, 600V N-Channel MOSFET
logo
Unisonic Technologies
2N60 UTC-2N60_12 Datasheet
245Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_11 Datasheet
190Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
Advanced Monolithic Sys...
AMS2N60 AMS-AMS2N60 Datasheet
325Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
2N60Z UTC-2N60Z Datasheet
239Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
2N60ZL UTC-2N60ZL Datasheet
219Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT2N60 AOSMD-AOT2N60_10 Datasheet
165Kb / 6P
600V,2A N-Channel MOSFET
logo
Unisonic Technologies
2N60 UTC-2N60_14 Datasheet
280Kb / 7P
2A, 600V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF2N60 FCI-IRF2N60 Datasheet
101Kb / 3P
2A 600V N CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOY2N60 AOSMD-AOY2N60 Datasheet
400Kb / 6P
600V,2A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com