Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N65ZLL-TM3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N65ZLL-TM3-R
Description  2A, 650V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N65ZLL-TM3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N65ZLL-TM3-R Datasheet HTML 1Page - Unisonic Technologies 2N65ZLL-TM3-R Datasheet HTML 2Page - Unisonic Technologies 2N65ZLL-TM3-R Datasheet HTML 3Page - Unisonic Technologies 2N65ZLL-TM3-R Datasheet HTML 4Page - Unisonic Technologies 2N65ZLL-TM3-R Datasheet HTML 5Page - Unisonic Technologies 2N65ZLL-TM3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N65ZL
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-931, A
2A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N65ZL is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and have a high
rugged avalanche characteristics. This power MOSFET is usually
used at high speed switching applications in power supplies,
PWM motor controls, high efficient DC to DC converters and
bridge circuits.
FEATURES
* RDS(ON) = 5.0Ω @ VGS = 10V
* Ultra Low gate charge (typical 9.0nC)
* Low reverse transfer capacitance (CRSS = typical 5.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N65ZLL-TM3-T
2N65ZLG-TM3-T
TO-251
G
D
S
Tube
2N65ZLL-TM3-R
2N65ZLG-TM3-R
TO-251
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 2N65ZLL-TM3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65ZL-TF1-T UTC-2N65ZL-TF1-T Datasheet
206Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
2N65ZL-TF3-T UTC-2N65ZL-TF3-T Datasheet
206Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
2N65ZL-TM3-T UTC-2N65ZL-TM3-T Datasheet
206Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
2N65ZL-TN3-R UTC-2N65ZL-TN3-R Datasheet
206Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
2N65ZL-TN3-R VBSEMI-2N65ZL-TN3-R Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 2N65ZLL-TM3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65 UTC-2N65_11 Datasheet
195Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
2N65L UTC-2N65L Datasheet
187Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
2N65Z UTC-2N65Z Datasheet
206Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
logo
HY ELECTRONIC CORP.
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
2N65K UTC-2N65K Datasheet
235Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
2N65 WXDH-2N65 Datasheet
1Mb / 12P
2A 650V N-channel Enhancement Mode Power MOSFET
B2N65 WXDH-B2N65 Datasheet
1Mb / 12P
2A 650V N-channel Enhancement Mode Power MOSFET
E2N65 WXDH-E2N65 Datasheet
1Mb / 12P
2A 650V N-channel Enhancement Mode Power MOSFET
F2N65 WXDH-F2N65 Datasheet
1Mb / 12P
2A 650V N-channel Enhancement Mode Power MOSFET
I2N65 WXDH-I2N65 Datasheet
1Mb / 12P
2A 650V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com