Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4340 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB4340
Description  24-Bit, 96 kHz Stereo DAC for Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4340 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB4340 Datasheet HTML 17Page - Cirrus Logic CDB4340 Datasheet HTML 18Page - Cirrus Logic CDB4340 Datasheet HTML 19Page - Cirrus Logic CDB4340 Datasheet HTML 20Page - Cirrus Logic CDB4340 Datasheet HTML 21Page - Cirrus Logic CDB4340 Datasheet HTML 22Page - Cirrus Logic CDB4340 Datasheet HTML 23Page - Cirrus Logic CDB4340 Datasheet HTML 24Page - Cirrus Logic CDB4340 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
CS4340
DS297PP3
21
7. ANALOG PERFORMANCE PLOTS
The following CS4340 Analog Performance Plots
were taken from the CDB4340 evaluation board
using the Audio Precision Dual Domain System
Two Cascade. All Base Rate Mode (BRM) plots
were taken at a 48 kHz sample rate with a 20 Hz to
20 kHz bandwidth using a 20 kHz low-pass brick-
wall filter in the DSP Analyzer. All High Rate
Mode (HRM) plots were taken at a 96 kHz sample
rate with a 20 Hz to 40 kHz bandwith using a
40 kHz brickwall filter in the DSP Analyzer.
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 20. De-Emphasis Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com