Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4341A Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB4341A
Description  24-Bit, 192 kHz Stereo DAC with Volume Control?
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4341A Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB4341A Datasheet HTML 17Page - Cirrus Logic CDB4341A Datasheet HTML 18Page - Cirrus Logic CDB4341A Datasheet HTML 19Page - Cirrus Logic CDB4341A Datasheet HTML 20Page - Cirrus Logic CDB4341A Datasheet HTML 21Page - Cirrus Logic CDB4341A Datasheet HTML 22Page - Cirrus Logic CDB4341A Datasheet HTML 23Page - Cirrus Logic CDB4341A Datasheet HTML 24Page - Cirrus Logic CDB4341A Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
CS4341A
DS582PP1
21
6. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (CS4341A-KS) (Test conditions (unless otherwise specified):
Input test signal is a 997 Hz sine wave at 0 dBFS; measurement bandwidth is 10 Hz to 20 kHz; test load R L =
10k
Ω, C
L = 10 pF (see Figure 9). Typical performance characteristics are derived from measurements taken at
TA = 25 °C, VA = 5.0V and 3.3V. Min/Max performance characteristics are guaranteed over the specified operating
temperature and voltages.
)
Parameter
VA = 5.0V
VA = 3.3V
Min
Typ
Max
Min
Typ
Max
Unit
Single-Speed Mode
Fs = 48kHz
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
92
95
-
-
98
101
92
95
-
-
-
-
88
91
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-85
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-88
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Double-Speed Mode
Fs = 96kHz
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
92
95
-
-
98
101
92
95
-
-
-
-
88
91
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-85
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-88
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Quad-Speed Mode
Fs = 192kHz
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
92
95
-
-
98
101
92
95
-
-
-
-
88
91
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-85
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-88
-
-
-
-
-
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com