Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4341A Datasheet (PDF) - Cirrus Logic

CDB4341A Datasheet PDF - Cirrus Logic
Part # CDB4341A
Download  CDB4341A Download
File Size   716.09 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 192 kHz Stereo DAC with Volume Control?

CDB4341A Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB4341A Datasheet PDF - Cirrus Logic

Part # CDB4341A
Download  CDB4341A Click to download

File Size   716.09 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 192 kHz Stereo DAC with Volume Control?

CDB4341A Datasheet (HTML) - Cirrus Logic


CDB4341A Product details

Description
The CS4341A is a complete stereo digital-to-analog system including digital interpolation, fourth-order deltasigma digital-to-analog conversion, digital de-emphasis, volume control, channel mixing and analog filtering. The advantages of this architecture include: ideal differential linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and temperature and a high tolerance to clock jitter.

Features
• 101 dB Dynamic Range
• -91 dB THD+N
• +3.3 V or +5 V Power Supply
• 50 mW with 3.3 V supply
• Low Clock Jitter Sensitivity
• Filtered Line-level Outputs
• On-Chip Digital De-emphasis for 32, 44.1, and 48 kHz
• ATAPI Mixing
• Digital Volume Control with Soft Ramp
    – 94 dB Attenuation
    – 1 dB Step Size
    – Zero Crossing Click-Free Transitions
• Up to 200-kHz Sample Rates
• Automatic Mode Detection for Sample Rates between 4 and 200 kHz
• Pin Compatible with the CS4341




Similar Part No. - CDB4341A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4341A CIRRUS-CDB4341A Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
More results


Similar Description - CDB4341A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
logo
Cirrus Logic
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
24-Bit, 96 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
24-Bit, 192 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
24-Bit, 192 kHz Stereo DAC with Volume Control
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com