Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4396 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4396
Description  24-Bit, 192 kHz D/A Converter for Digital Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4396 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4396 Datasheet HTML 17Page - Cirrus Logic CS4396 Datasheet HTML 18Page - Cirrus Logic CS4396 Datasheet HTML 19Page - Cirrus Logic CS4396 Datasheet HTML 20Page - Cirrus Logic CS4396 Datasheet HTML 21Page - Cirrus Logic CS4396 Datasheet HTML 22Page - Cirrus Logic CS4396 Datasheet HTML 23Page - Cirrus Logic CS4396 Datasheet HTML 24Page - Cirrus Logic CS4396 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
CS4396
DS288PP1
21
SDA
SCL
001000
ADDR
AD0
R/W
Start
ACK
DATA
1-8
ACK
DATA
1-8
ACK
Stop
Note: If operation is a write, this byte contains the Memory Address Pointer, MAP.
Note 1
Figure 6. Control Port Timing, I
2C Mode
MAP
MSB
LSB
DATA
byte 1
byte n
R/W
MAP = Memory Address Pointer = 0
ADDRESS
CHIP
CDIN
CCLK
CS
0010000
Figure 5. Control Port Timing, SPI mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com