Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5WF103MECAI Datasheet(PDF) 2 Page - AVX Corporation

Part # 5WF103MECAI
Description  General Specifications - Class III Semi Conducting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

5WF103MECAI Datasheet(HTML) 2 Page - AVX Corporation

  5WF103MECAI Datasheet HTML 1Page - AVX Corporation 5WF103MECAI Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
16
Disc Ceramic Capacitors
General Specifications - Class III Semi Conducting
Class III
∆ C/C (max.)
Range
∆ C/C (max.)
Range
∆ C/C (max.)
Range
±12%
-30... +85ºC
+30 -65%
-30... +85ºC
+30 -65%
-30... +85ºC
Temp.
Y5P
Y5U
Y5V
Coefficient
Digits 1,2,3
5WF
5WH
5YF
5YH
5ZH
of P.N.
Rated
25 VDC
50 VDC
25 VDC
50 VDC
50 VDC
Voltage (V
R)
CR (pF)
4,700
5.0 (0.197)
5.0 (0.197)
5.0 (0.197)
10,000
6.0 (0.236)
6.0 (0.236)
5.0 (0.197)
22,000
7.0 (0.276)
8.0 (0.315)
6.0 (0.236)
5.0 (0.197)
33,000
8.0 (0.315)
9.0 (0.354)
6.0 (0.236)
7.0 (0.276)
47,000
50,000
9.0 (0.354)
7.0 (0.276)
8.0 (0.315)
68,000
11.0 (0.433)
11.0 (0.433)
6.0 (0.236)
100,000
8.0 (0.315)
9.0 (0.354)
200,000
10.0 (0.394)
PHENOLIC COATED – CAPACITANCE VS. DISC DIAMETER
millimeters (inches)
TEMPERATURE COEFFICIENT – TYPICAL CURVES
Note: Damp Heat Steady State: 90... 95% R.H. 40ºC / 21 days. No voltage to be applied.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com