Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5WF103MECAI Datasheet(PDF) 1 Page - AVX Corporation

Part # 5WF103MECAI
Description  General Specifications - Class III Semi Conducting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

5WF103MECAI Datasheet(HTML) 1 Page - AVX Corporation

  5WF103MECAI Datasheet HTML 1Page - AVX Corporation 5WF103MECAI Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15
Disc Ceramic Capacitors
General Specifications - Class III Semi Conducting
Measured at
1.0 kHz / 0.1 Vrms / 25ºC
Dissipation
C
R ≤ 22 nF → Y5V, Y5U ≤ 7.5%
Factor (%)
C
R > 22 nF → Y5V, Y5P ≤ 5.0%
Y5P
→ ±20% / -20 +50%
Tolerance
Y5U
→ ±20% / -20 +50%
Y5V
→ -20% +50% / -20 +80%
Insulation
Y5P
≥12 M
Ω
Resistance
Y5U
4.7 nF...100 nF
→ ≥ 10 MΩ
(IR)
200 nF
→ ≥ 1 MΩ
Y5V
≥ 100 M
Ω
Dielectric Strength
Between
Vt = 1.25 V
R
NOTE: Charging
leads
current limited
Body
V
R = 25V
Vt = 100V (DC)
to 50 mA
insulation
V
R = 50V
Vt = 150V (DC)
Operating
Temperature
-30... +85ºC
Range (ºC)
Climate
30 / 85 / 21
Category
PERFORMANCE CHARACTERISTICS CLASS III
DIELECTRIC - CLASS III
A thin dielectric layer is grown on a disc of conductive
ceramic. Very large capacitances can be obtained due to
reduced thickness of this barrier layer and its inherently
high dielectric constant. Due to its small dimensions, they
are a less expensive replacement of multilayer ceramic or
polyester capacitors. An equivalent circuit is shown below:
Meets IEC 324 (1970).
5Z
Product Code
H
Voltage
104
Capacitance
Z
Tolerance
A
Lead
Forming
C
Capacitor
Diameter
A
Finishing
A
Packaging
HOW TO ORDER


Similar Description - 5WF103MECAI

ManufacturerPart #DatasheetDescription
logo
RFE international
3YV473M120A54B RFE-3YV473M120A54B Datasheet
71Kb / 1P
CERAMIC CAPACITORS 3 & 4 Series: Semi-Conducting & Spark Gap
logo
AVX Corporation
5SS103MBKCC AVX-5SS103MBKCC Datasheet
70Kb / 4P
Disc Ceramic Capacitors General Specifications - Class II General Purpose
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
logo
3M Electronics
TAPE13 3M-TAPE13 Datasheet
40Kb / 4P
Electrical Semi-Conducting
Sep-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com