Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAPE13 Datasheet (PDF) - 3M Electronics

TAPE13 Datasheet PDF - 3M Electronics
Part # TAPE13
Download  TAPE13 Download
File Size   40.6 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Electrical Semi-Conducting

TAPE13 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAPE13 Datasheet PDF - 3M Electronics

Part # TAPE13
Download  TAPE13 Click to download

File Size   40.6 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Electrical Semi-Conducting

TAPE13 Datasheet (HTML) - 3M Electronics


TAPE13 Product details

Description
Scotch® Electrical Semi-Conducting Tape 13 is a highly conformable, semi-conducting EPR (Ethylene Propylene Rubber) based high-voltage splicing tape. It is nonvulcanizing and shelf stable, with stable conductivity over a wide temperature range. Its conductivity is not affected, except by low-viscosity oils. The conductivity of cable semiconducting jackets is not affected by Scotch® Electrical Semi-Conducting Tape 13.  Semi-conducting (low resistivity)  Retains conductivity with strength  Elongates easily to conform to irregular shapes  Stable at elevated temperatures (130°C / 266°F)  Compatible with most solid dielectric cable insulations and conductors  Excellent resistance to cracking or checking from solvents, UV, or moisture  Compatible with high-voltage splicing and terminating materials  Usable for indoor or outdoor applications  Meets requirement of ASTM-D-4388, Type IV Agency Approvals & Self Certifications RoHS 2002/95/EC RoHS Compliant 2002/95/EC” means that the product or part (“Product”) does not contain any of the substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2002/618/EC, unless the substance is in an application that is exempt under RoHS. This information represents 3M’s knowledge and belief, which may be based in whole or in part on information provided by third party suppliers to 3M.

Applications
■ To electrically round out high-voltage connectors and to bond to insulating
■ materials to minimize electrical stresses
■ Continue semi-conducting strand shielding found in solid dielectric (polyethylene, XLP, EPR, etc.) cables at 5 kV and above
■ Provide shielding for cable joints on solid dielectric insulated power cables
■ (shielded or concentric neutral)
■ Replace semi-conducting layer beneath metallic shield of similar cables
■ in case of damage (screening)
■ Make conductive portion of stress cone of power cable termination on
■ solid dielectric insulated power cables
■ Maintain positive connection between concentric neutral semi-conducting jackets of power cables and semi-conducting surfaces of plug-in units
■ Establish a more positive contact between concentric neutral wires and pre-molded devices already installed with too much jacket exposed
■ Round out bolted connections on insulated bus bars




Similar Part No. - TAPE13

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TAPE22 3M-TAPE22 Datasheet
30Kb / 4P
Heavy Duty Vinyl Electrical Tape 22
Rev D
TAPE35 3M-TAPE35 Datasheet
50Kb / 2P
Vinyl Electrical Tape 35
Jul-2011
TAPE35 3M-TAPE35 Datasheet
45Kb / 2P
Vinyl Electrical Tape 35
Rev F
TAPE35 3M-TAPE35_17 Datasheet
45Kb / 2P
Vinyl Electrical Tape 35
Rev F
TAPE50 3M-TAPE50 Datasheet
84Kb / 4P
All-Weather Corrosion Protection
Rev C
More results


Similar Description - TAPE13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSR148 ETC1-CSR148 Datasheet
153Kb / 2P
CSR Reverse Conducting Thyristors
logo
ABB
5SHX10H6010 ABB-5SHX10H6010 Datasheet
280Kb / 13P
Reverse Conducting Integrated Gate-Commutated Thyristor
logo
RFE international
3YV473M120A54B RFE-3YV473M120A54B Datasheet
71Kb / 1P
CERAMIC CAPACITORS 3 & 4 Series: Semi-Conducting & Spark Gap
logo
AVX Corporation
5WF103MECAI AVX-5WF103MECAI Datasheet
57Kb / 2P
General Specifications - Class III Semi Conducting
logo
Renesas Technology Corp
CRD5AS-12B RENESAS-CRD5AS-12B_15 Datasheet
81Kb / 6P
Reverse Conducting Thyristor Medium Power Use
logo
Infineon Technologies A...
IHW40N60R INFINEON-IHW40N60R Datasheet
2Mb / 15P
Reverse conducting IGBT
Rev.2.6,2015-01-26
logo
ON Semiconductor
NGTB40N65IHRWG ONSEMI-NGTB40N65IHRWG Datasheet
132Kb / 8P
IGBT with Monolithic Reverse Conducting Diode
June, 2016 ??Rev. 0
logo
IXYS Corporation
CLA20EF1200PB IXYS-CLA20EF1200PB Datasheet
96Kb / 4P
Triode Single Reverse Conducting Thyristor
CLA20EF1200PZ IXYS-CLA20EF1200PZ Datasheet
409Kb / 4P
Triode Single Reverse Conducting Thyristor
logo
Infineon Technologies A...
IGC10R60DE INFINEON-IGC10R60DE Datasheet
102Kb / 6P
TRENCHSTOPTM Reverse Conducting (RC) technology
Edition 1.1, 31.05.2013
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com