Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAPE13 Datasheet(PDF) 3 Page - 3M Electronics

Part # TAPE13
Description  Electrical Semi-Conducting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TAPE13 Datasheet(HTML) 3 Page - 3M Electronics

  TAPE13 Datasheet HTML 1Page - 3M Electronics TAPE13 Datasheet HTML 2Page - 3M Electronics TAPE13 Datasheet HTML 3Page - 3M Electronics TAPE13 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Scotch® Electrical Semi-Conducting Tape 13
3 of 4
Engineering/
Architectural
Specification:
Jointing (splicing) and terminating shall be done according to engineering print
supplied by manufacture of jointing or termination materials for specific cable
approved by specifying engineer.
Alternate: Jointing and terminating engineering drawing shall be compatible with
specific cable approved by specifying engineer.
Installation
Techniques:
Scotch® Electrical Semi-Conducting Tape 13 is usually wrapped in half-lapped
layers. Highly elongate tape when overwrapping connectors, terminal lugs, and
near edges of cable metallic shield, semi-conducting cable tape and semi-
conducting jackets.
Note: Stretching 13 Tape increases its conductance and will not harm it in any
way.
Caution: Scotch® Electrical Semi-Conducting Tape 13 is not oil resistant. It
should not be used in splicing and terminating cables which contain oil or
slippery compounds as part of dielectric such as PILC or VCLC.
Techniques for proper use of this conductive tape are contained in standard and
special prints available through 3M Systems for Splicing and Terminating. Ask
your local 3M sales representative.
Specifications
Scotch® Electrical Semi-Conducting Tape 13 must be based on ethylene
rubber and be capable of operation at the emergency cable temperature of
130°C.
It must be usable without covering, both indoors and outdoors, in a highly
stretched
Condition, without splitting or cracking; it must be compatible with all common
solvents, adhesives, and high-voltage splicing and terminating insulations and
must not adversely affect semi-conductive cable jackets.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com