Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAPE13 Datasheet(PDF) 2 Page - 3M Electronics

Part # TAPE13
Description  Electrical Semi-Conducting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TAPE13 Datasheet(HTML) 2 Page - 3M Electronics

  TAPE13 Datasheet HTML 1Page - 3M Electronics TAPE13 Datasheet HTML 2Page - 3M Electronics TAPE13 Datasheet HTML 3Page - 3M Electronics TAPE13 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Scotch® Electrical Semi-Conducting Tape 13
2 of 4
Typical Properties
Field Test
Characteristics
and Test Data
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
Physical Properties
Typical Value
US units (metric)
Temperature Rating:
Normal
Emergency Cable
194°F (90°C)
266°F (130°C)
Thickness
ASTM D-4325
30 mils
Tensile Strength
ASTM D-4325
6 lbs/in
Elongation
ASTM D-4325
800%
Fusion
ASTM D-4388
pass
Electrical Property
Typical Value
US units (metric)
Volume Resistivity
ASTMD D-4325
10
3 ohm-cm
Field Test Resistance
(see Figure 1 below)
10,000 ohms
Scotch® Electrical Semi-Conducting Tape 13 can be checked for resistance with an
ohmmeter. After elongating the tape 25% of its original width, probe points placed one
inch apart on tape should measure 10,000 ohms or less. Figure 1 illustrates the type
of results which may be expected in the field.
Effects of Scotch® Electrical Semi-Conducting Tape 13 on resistivity of semi-
conductive cable shield.
The Insulated Conductor Committee (ICC) has set a standard for compatibility of
materials placed on shielded cables. When tested according to ICC Guide P1026,
products in contact shield shall have a resistance measurement below ten ohm-
meters. Scotch® Electrical Semi-Conducting Tape 13 complies with requirements of
ICC Guide P1026.
Resistivity of cable semi-conductive shield overwrapped with Scotch® Electrical
Semi-Conducting Tape 13 remained the same as, or lower than, that of the exposed
shield (control). This test shows Scotch® Electrical Semi-Conducting Tape 13 does
not significantly affect semi-conductive cable shields.
Figure 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com