Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2NNPP06L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2NNPP06L-S08-R
Description  60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2NNPP06L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  2NNPP06L-S08-R Datasheet HTML 1Page - Unisonic Technologies 2NNPP06L-S08-R Datasheet HTML 2Page - Unisonic Technologies 2NNPP06L-S08-R Datasheet HTML 3Page - Unisonic Technologies 2NNPP06L-S08-R Datasheet HTML 4Page - Unisonic Technologies 2NNPP06L-S08-R Datasheet HTML 5Page - Unisonic Technologies 2NNPP06L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2NNPP06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-781.B
ELECTRICAL CHARACTERISTICS(CONT.) (TA=25°C, unless otherwise specified)
FOR P-CHANNEL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS ID=-250µA, VGS=0V
-60
V
Drain-Source Leakage Current
IDSS
VDS=-60V, VGS=0V
-0.5
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100
nA
Reverse
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS=VGS, ID=-250µA
-1
-3
V
Static Drain-Source On-State Resistance (Note 1)
RDS(ON)
VGS=-10V, ID=-0.9A
0.4
Ω
VGS=-4.5V, ID=-0.8A
0.6
Ω
DYNAMIC PARAMETERS
Input Capacitance (Note 3)
CISS
VGS=0V, VDS=-25V,
f=1.0MHz
141
pF
Output Capacitance (Note 3)
COSS
13.1
pF
Reverse Transfer Capacitance (Note 3)
CRSS
10.8
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 3)
QG
VGS=-10V, VDS=-30V,
ID=-0.9A
5.1
nC
Gate to Source Charge (Note 3)
QGS
0.7
nC
Gate to Drain Charge (Note 3)
QGD
0.7
nC
Turn-ON Delay Time (Note 2, 3)
tD(ON)
VDD=-30V, ID=-1A, RG≈6Ω,
VGS=-10V
1.6
ns
Rise Time (Note 2, 3)
tR
2.3
ns
Turn-OFF Delay Time (Note 2, 3)
tD(OFF)
13
ns
Fall-Time (Note 2, 3)
tF
5.8
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
TA=25°C (Note 2)
-1.42
A
Maximum Body-Diode Pulsed Current
ISM
TA=25°C (Note 3)
-6.03
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS=-0.8A, VGS=0V
-0.85 -0.95
V
Notes: 1. Measured under pulsed conditions. Pulse width ≤ 300μs; duty cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature
3. For design aid only, not subject to production testing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com