Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2NNPP06L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2NNPP06L-S08-R
Description  60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2NNPP06L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2NNPP06L-S08-R Datasheet HTML 1Page - Unisonic Technologies 2NNPP06L-S08-R Datasheet HTML 2Page - Unisonic Technologies 2NNPP06L-S08-R Datasheet HTML 3Page - Unisonic Technologies 2NNPP06L-S08-R Datasheet HTML 4Page - Unisonic Technologies 2NNPP06L-S08-R Datasheet HTML 5Page - Unisonic Technologies 2NNPP06L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2NNPP06
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-781.B
60V COMPLEMENTARY
ENHANCEMENT MODE
MOSFET H-BRIDGE
(N-CHANNEL/P-CHANNEL)
DESCRIPTION
The UTC 2NNPP06 is a complementary enhancement mode
MOSFET H-BRIDGE, it uses UTC advanced technology to provide
customers low on resistance, low gate charge and low threshold
voltage.
The UTC 2NNPP06 is universally applied in DC-AC Inverters and
DC Motor control.
FEATURES
* N-CHANNEL
- RDS(on) = 0.25Ω @VGS = 10V, ID=1.8A
- RDS(on) = 0.35Ω @VGS =4.5V, ID=1.3A
* P-CHANNEL
- RDS(on) = 0.4Ω @VGS = -10V, ID=-0.9A
- RDS(on) = 0.6Ω @VGS =-4.5V, ID=-0.8A
* High switching speed
* Low gate charge (N:-ch Typ.=3.2nC, P-ch: Typ.=5.1nC)
SYMBOL
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
2NNPP06L-S08-R
2NNPP06G-S08-R
SOP-8
Tape Reel
2NNPP06L-S08-T
2NNPP06G-S08-T
SOP-8
Tube


Similar Description - 2NNPP06L-S08-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC6A07N8 DIODES-ZXMHC6A07N8 Datasheet
737Kb / 11P
60V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
MAY 2005
logo
Unisonic Technologies
1NNPP10 UTC-1NNPP10 Datasheet
221Kb / 6P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
Diodes Incorporated
DMHT6016LFJ DIODES-DMHT6016LFJ Datasheet
417Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW10G06NF YFWDIODE-YFW10G06NF Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G06S YFWDIODE-YFW8G06S Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G06GD YFWDIODE-YFW20G06GD Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Diodes Incorporated
DMHC6070LSD DIODES-DMHC6070LSD Datasheet
589Kb / 10P
60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
April 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com