Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494502 Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS494502
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494502 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS494502 Datasheet HTML 78Page - Cirrus Logic CS494502 Datasheet HTML 79Page - Cirrus Logic CS494502 Datasheet HTML 80Page - Cirrus Logic CS494502 Datasheet HTML 81Page - Cirrus Logic CS494502 Datasheet HTML 82Page - Cirrus Logic CS494502 Datasheet HTML 83Page - Cirrus Logic CS494502 Datasheet HTML 84Page - Cirrus Logic CS494502 Datasheet HTML 85Page - Cirrus Logic CS494502 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
82
MCLK is the master clock and is firmware
configurable to be either an input or an output. If
MCLK is to be used as an output, the internal PLL
must be used. As an output MCLK can be
configured to provide a 128Fs, 256Fs, or 512Fs
clock, where Fs is the output sample rate.
SCLK0 is the bit clock used to clock data out on
AUDATA0,
AUDATA1,
AUDATA2
and
AUDATA3. LRCLK0 is the data framing clock
whose frequency is typically equal to the sampling
frequency
for
AUDATA0,
AUDATA1,
AUDATA2 and AUDATA3.
SCLK1 is the bit clock used to clock data out on
AUDATA4,
AUDATA5,
AUDATA6
and
AUDATA7. LRCLK1 is the data framing clock
whose frequency is typically equal to the sampling
frequency
for
AUDATA4,
AUDATA5,
AUDATA6 and AUDATA7.
LRCLK0, LRCLK1, SCLK0 and SCLK1 can be
configured as either inputs (Slave) or outputs
(Master). A valid MCLK is required for all output
modes. When LRCLK0, LRCLK1, SCLK0 and
SCLK1 are configured as outputs, they are derived
from MCLK. Whether MCLK is configured as an
input or an output, an internal divider from the
MCLK signal is used to produce LRCLK0,
LRCLK1, SCLK0 and SCLK1. The ratios shown
in Table 26 give the possible SCLK values for
different MCLK frequencies. (All values are
expressed in terms of the sampling frequency, Fs.)
Both the AUDAT0 and AUDAT4 Digital Audio
Output porst are configurable to provide output for
two, four, or six channels of PCM data.
AUDATA1,
AUDATA2,
AUDATA3,
AUDATA5, AUDATA6 and AUDATA7 are only
capable of outputting two channels of PCM data.
Typically AUDATA[0:7] are configured for
outputting either left justified or I2S formatted data.
In a standard 5.1 channel AVR, AUDATA0,
AUDATA1 and AUDATA2 are used to output the
six discrete channels (Left, Center, Right, Left
Surround, Right Surround, and Subwoofer).
AUDATA3
can
be
used
with
AUDATA0,
AUDATA1 and AUDATA2 to support 7.1 output.
Alternatively AUDATA3 and AUDATA7 can be
used for dual zone support. AUDATA3 and
AUDATA7 are multiplexed with the XMT958
output so only one can be used at any one time.
Please
refer
to
AN208,
AN209
and
their
corresponding appendices for information about
which output modes are supported, as this is
specific to each application code.
11.6.1 S/PDIF Outputs
Both AUDATA3 and AUDATA7 digital audio
output ports are unique, in that they can serve either
an additional output for I2S or Left Justified PCM
data OR as IEC60959 bi-phase mark encoded data
S/PDIF transmitters. When either of these ports are
configured as a S/PDIF transmitter, the MCLK
required for such functionality can be provided
from either the internally locked PLL or from an
SCLK0
Serial Bit Clock for
AUDATA 0-3
104
72
LRCLK0
Frame Clock for
AUDATA 0-3
108
75
AUDATA3,X
MT958A
Serial Data Out 3,
IEC60958 Trans-
mitter
106
73
AUDATA2
Serial Data Out 2
107
74
AUDATA1
Serial Data Out 1
109
76
AUDATA0
Serial Data Out 0
110
77
Pin Name
Pin Description
144-Pin
Number
100-Pin
Number
Table 25. Digital Audio Output Port (Continued)
MCLK
(Fs)
SCLK (Fs)
32
48
64
128
256
512
128
X
X
384
X
X
X
256
X
X
X
X
512
X
X
X
X
X
Table 26. MCLK/SCLK Master Mode Ratios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com