Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494502 Datasheet(PDF) 97 Page - Cirrus Logic

Part # CS494502
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494502 Datasheet(HTML) 97 Page - Cirrus Logic

Back Button CS494502 Datasheet HTML 92Page - Cirrus Logic CS494502 Datasheet HTML 93Page - Cirrus Logic CS494502 Datasheet HTML 94Page - Cirrus Logic CS494502 Datasheet HTML 95Page - Cirrus Logic CS494502 Datasheet HTML 96Page - Cirrus Logic CS494502 Datasheet HTML 97Page - Cirrus Logic CS494502 Datasheet HTML 98Page - Cirrus Logic CS494502 Datasheet HTML 99Page - Cirrus Logic CS494502 Datasheet HTML 100Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
97
NV_WE,GPIO16 — SRAM Write Enable, General Purpose I/O
SRAM/Flash write enable. This pin can act as a general-purpose input or output that can be
individually configured and controlled by DSPC. BIDIRECTIONAL - Default: OUTPUT
UHS2, CS_OUT, GPIO17 — Mode Select Bit 2, External Serial Memory Chip Select,
General Purpose I/O
DSPC control port mode select bit 2. This pin is sampled at the rising edge of RESET and is
one of three pins used to select the control port mode. In serial control port mode, this pin can
serve as an output to provide the chip-select for a serial EEPROM. This pin can act as a
general-purpose input or output that can be individually configured and controlled by DSPC.
BIDIRECTIONAL - Default: INPUT
UHS0, GPIO18 — Mode Select Bit 0, General Purpose I/O
DSPC control port mode select bit 0. This pin is sampled at the rising edge of RESET and is
one of three pins used to select the control port mode. This pin can act as a general-purpose
input or output that can be individually configured and controlled by DSPC.
BIDIRECTIONAL - Default: INPUT
UHS1, GPIO19 — Mode Select Bit 1, General Purpose I/O
DSPC control port mode select bit 1. This pin is sampled at the rising edge of RESET and is
one of three pins used to select the control port mode. This pin can act as a general-purpose
input or output that can be individually configured and controlled by DSPC.
BIDIRECTIONAL - Default: INPUT
GPIO20 — General Purpose I/O
This pin can act as a general-purpose input or output that can be individually configured and
controlled by DSPC. This pin has an internal pull-up.
BIDIRECTIONAL - Default: INPUT
GPIO21 — General Purpose I/O
This pin can act as a general-purpose input or output that can be individually configured and
controlled by DSPC.This pin has an internal pull-up.
BIDIRECTIONAL - Default: INPUT
VDD[7:1] — 2.5V Supply Voltage
2.5V supply voltage.
VSS — 2.5V Ground
2.5V ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com