Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5N25G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 5N25G-TN3-R
Description  3.8A, 250V LOGIC N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N25G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  5N25G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 5N25G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 5N25G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 5N25G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 5N25G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 5N25G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5N25
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-852.b
3.8A, 250V LOGIC
N-CHANNEL MOSFET
DESCRIPTION
The UTC 5N25 is an N-Channel enhancement MOSFET, it uses
UTC’s advanced technology to provide customers with a minimum
on-state resistance, high switching speed and low gate charge. It can
also withstand high energy pulse in the avalanche and commutation
modes.
The UTC 5N25 is suitable for high efficiency switching DC/DC
converter, motor control and switch mode power supply.
FEATURES
* RDS(ON)<1.2Ω @VGS=10V
* Low gate charge ( Typ=14nC)
* Low CRSS ( Typ=6.0pF)
* High switching speed
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
5N25L-TN3-T
5N25G-TN3-T
TO-252
G
D
S
Tube
5N25L-TN3-R
5N25G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source
MARKING INFORMATION


Similar Part No. - 5N25G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N25Z UTC-5N25Z Datasheet
208Kb / 6P
3.8A, 250V N-CHANNEL MOSFET
5N25ZG-TN3-R UTC-5N25ZG-TN3-R Datasheet
208Kb / 6P
3.8A, 250V N-CHANNEL MOSFET
5N25ZG-TN3-T UTC-5N25ZG-TN3-T Datasheet
208Kb / 6P
3.8A, 250V N-CHANNEL MOSFET
5N25ZL-TN3-R UTC-5N25ZL-TN3-R Datasheet
208Kb / 6P
3.8A, 250V N-CHANNEL MOSFET
5N25ZL-TN3-T UTC-5N25ZL-TN3-T Datasheet
208Kb / 6P
3.8A, 250V N-CHANNEL MOSFET
More results

Similar Description - 5N25G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
250V N-Channel MOSFET
logo
International Rectifier
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
logo
Fairchild Semiconductor
FDP4N60NZ FAIRCHILD-FDP4N60NZ Datasheet
383Kb / 10P
N-Channel MOSFET 600V, 3.8A, 2.5廓
logo
Unisonic Technologies
5N25Z UTC-5N25Z Datasheet
208Kb / 6P
3.8A, 250V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com