Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N65KG-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7N65KG-TQ2-R
Description  7.4A, 650V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N65KG-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  7N65KG-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N65KG-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N65KG-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N65KG-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N65KG-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N65KG-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7N65K
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-770. c
7.4A, 650V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 7N65K is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and have a high
rugged avalanche characteristics. This power MOSFET is usually
used at high speed switching applications in switching power
supplies and adaptors.
FEATURES
* RDS(ON) < 1.4Ω @VGS = 10 V
* Ultra low gate charge (typical 29 nC )
* Low reverse transfer Capacitance ( CRSS = typical 16pF )
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
7N65KL-TA3-T
7N65KG-TA3-T
TO-220
G
D
S
Tube
7N65KL-TF3-T
7N65KG-TF3-T
TO-220F
G
D
S
Tube
7N65KL-TF1-T
7N65KG-TF1-T
TO-220F1
G
D
S
Tube
7N65KL-TQ2-T
7N65KG-TQ2-T
TO-263
G
D
S
Tube
7N65KL-TQ2-R
7N65KG-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 7N65KG-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65KG-TA3-T UTC-7N65KG-TA3-T Datasheet
273Kb / 7P
N-CHANNEL POWER MOSFET
7N65KG-TF1-T UTC-7N65KG-TF1-T Datasheet
273Kb / 7P
N-CHANNEL POWER MOSFET
7N65KG-TF2-T UTC-7N65KG-TF2-T Datasheet
273Kb / 7P
N-CHANNEL POWER MOSFET
7N65KG-TF3-T UTC-7N65KG-TF3-T Datasheet
273Kb / 7P
N-CHANNEL POWER MOSFET
7N65KG-TF3T-T UTC-7N65KG-TF3T-T Datasheet
273Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 7N65KG-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60 UTC-7N60_12 Datasheet
193Kb / 6P
7.4A, 600V N-CHANNEL POWER MOSFET
7N60Z UTC-7N60Z_11 Datasheet
184Kb / 6P
7.4A, 600V N-CHANNEL POWER MOSFET
7N65 UTC-7N65_12 Datasheet
173Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
7N65Z UTC-7N65Z Datasheet
191Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
7N65L UTC-7N65L Datasheet
178Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOK8N80 AOSMD-AOK8N80 Datasheet
310Kb / 5P
800V,7.4A N-Channel MOSFET
AOT8N80 AOSMD-AOT8N80 Datasheet
354Kb / 6P
800V, 7.4A N-Channel MOSFET
logo
Unisonic Technologies
7N60K UTC-7N60K Datasheet
265Kb / 6P
7.4A, 600V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ7N60 DGNJDZ-NJ7N60 Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com