Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18N25G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 18N25G-TQ2-R
Description  18A, 250V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

18N25G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  18N25G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 18N25G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 18N25G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 18N25G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 18N25G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
18N25
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-786.B
18A, 250V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 18N25 is an N-channel enhancement mode power
MOSFET using UTC’s advanced planar stripe and DMOS technology
to provide perfect performance.
This technology can withstand high energy pulse in the avalanche
and commutation mode. It can provide minimum on-state resistance
and high switching speed.
This device is generally applied in active power factor correction
and high efficient switched mode power supplies.
FEATURES
* RDS(ON)=0.16
Ω @ VGS=10V
* High switching speed
SYMBOL
1.Gate
3.Source
2.Drain
TO-220F
TO-263
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
18N25L-TF3-T
18N25G-TF3-T
TO-220F
G
D
S
Tube
18N25L-TQ2-T
18N25G-TQ2-T
TO-263
G
D
S
Tube
18N25L-TQ2-R
18N25G-TQ2-R
TO-263
G
D
S
Tape Reel
Note:
Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube, R: Tape Reel
(2) TF3: TO-220F, TQ2: TO-263
(3) L: Lead Free, G: Halogen Free
18N25L-TA3-T
(1) Packing Type
(2) Package Type
(3) Lead Free


Similar Part No. - 18N25G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
18N20 ISC-18N20 Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
logo
Goford Semiconductor
18N20 GOFORD-18N20 Datasheet
662Kb / 6P
N-Channel Enhancement Mode Power MOSFET
18N20 GOFORD-18N20 Datasheet
4Mb / 9P
DC-DC & DC-AC Converters for telecom,
logo
KIA Semiconductor Techn...
18N20A KIA-18N20A Datasheet
182Kb / 6P
18A竊?00V N-CHANNEL MOSFET
logo
Goford Semiconductor
18N20A GOFORD-18N20A Datasheet
966Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - 18N25G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
18N40_1109 UTC-18N40_1109 Datasheet
151Kb / 4P
18A, 400V N-CHANNEL POWER MOSFET
18N50 UTC-18N50_12 Datasheet
209Kb / 6P
18A, 500V N-CHANNEL POWER MOSFET
18N60 UTC-18N60_11 Datasheet
147Kb / 3P
18A,600V N-CHANNEL POWER MOSFET
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
12N25 UTC-12N25 Datasheet
194Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
12N25V UTC-12N25V Datasheet
204Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
18N65 UTC-18N65 Datasheet
182Kb / 4P
18A, 650V N-CHANNEL POWER MOSFET
UF624Z UTC-UF624Z Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM600N25E TSC-TSM600N25E Datasheet
456Kb / 7P
250V N-Channel Power MOSFET
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
18A 200V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com