Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVPAFKB65 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVPAFKB65
Description  3.0 mm2.6 mm SMD Light Touch Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPAFKB65 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVPAFKB65 Datasheet HTML 1Page - Panasonic Semiconductor EVPAFKB65 Datasheet HTML 2Page - Panasonic Semiconductor EVPAFKB65 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Light Touch Switches/EVPAF
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES84 –
Circuit diagram
PWB land pattern for reference
B'
A'
B
A
0.48
2-3.4
3
B'
A'
B
A
φ0.65
0.70
(Push plate)
(Adhesive)
( 0.75)
Part of A-A' terminal is exposed at
area.
Any land pattern or vias shall not be provided at
area.
(0.4)
(1.5)
(2-2.5)
2-2.4
±0.05
2-3.5
±0.05
A
BB'
A'
1.6
Circuit diagram
PWB land pattern for reference
B'
A'
B
A
0.44
2-3.4
3
B'
A'
B
A
φ0.65
0.65
(Push plate)
(Adhesive)
( 0.75)
Part of A-A' terminal is exposed at
area.
Any land pattern or vias shall not be provided at
area.
(0.4)
(1.5)
(2-2.5)
2-2.4
±0.05
2-3.5
±0.05
A
BB'
A'
1.6
■ Dimensions in mm (not to scale)
Part Numbers
Operating Force
Height
Operating Life
EVPAFKB65
1.3 N
0.65 mm
100000 cycles
EVPAFFB65
1.6 N
0.65 mm
100000 cycles
Part Numbers
Operating Force
Height
Operating Life
EVPAF5B70
3.4 N
0.7 mm
100000 cycles
EVPAF7B70
2.4 N
0.7 mm
500000 cycles
No. 1
EVPAF
(Embossed Taping)
With J-bent terminals
No. 2
EVPAF
(Embossed Taping)
With J-bent terminals
Oct. 2012
00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com