Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVPAFKB65 Datasheet (PDF) - Panasonic Semiconductor

EVPAFKB65 Datasheet PDF - Panasonic Semiconductor
Part # EVPAFKB65
Download  EVPAFKB65 Download
File Size   108.96 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3.0 mm2.6 mm SMD Light Touch Switches

EVPAFKB65 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVPAFKB65 Datasheet PDF - Panasonic Semiconductor

Part # EVPAFKB65
Download  EVPAFKB65 Click to download

File Size   108.96 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3.0 mm2.6 mm SMD Light Touch Switches

EVPAFKB65 Datasheet (HTML) - Panasonic Semiconductor




Similar Part No. - EVPAFKB65

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAF PANASONIC-EVPAF Datasheet
83Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVPAF5B70 PANASONIC-EVPAF5B70 Datasheet
83Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVPAF7B70 PANASONIC-EVPAF7B70 Datasheet
83Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
More results


Similar Description - EVPAFKB65

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPS PANASONIC-EVQPS Datasheet
210Kb / 4P
6.1 mm4.0 mm Side-operational SMD Light Touch Switches
EVPAF PANASONIC-EVPAF Datasheet
83Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-P7B01K PANASONIC-EVQ-P7B01K Datasheet
144Kb / 4P
3.5 mm2.9 mm Side-operational SMD Light Touch Switches
EVQ-PSH02K PANASONIC-EVQ-PSH02K Datasheet
112Kb / 4P
6.1 mm4.0 mm Side-operational SMD Light Touch Switches
EVP-AFFB65 PANASONIC-EVP-AFFB65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVP-AA302K PANASONIC-EVP-AA302K Datasheet
78Kb / 4P
3.5 mm2.9 mm SMD Light Touch Switches
EVPAY PANASONIC-EVPAY Datasheet
330Kb / 8P
3.4 mmx2.9 mm SMD Light Touch Switches
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
EVPAW PANASONIC-EVPAW Datasheet
130Kb / 4P
3.0 mm횞2.0 mm SMD Light Touch Switches
201902-Fd
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com