Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7583BA Datasheet(PDF) 8 Page - Clare, Inc.

Part # CPC7583BA
Description  Line Card Access Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7583BA Datasheet(HTML) 8 Page - Clare, Inc.

Back Button CPC7583BA Datasheet HTML 4Page - Clare, Inc. CPC7583BA Datasheet HTML 5Page - Clare, Inc. CPC7583BA Datasheet HTML 6Page - Clare, Inc. CPC7583BA Datasheet HTML 7Page - Clare, Inc. CPC7583BA Datasheet HTML 8Page - Clare, Inc. CPC7583BA Datasheet HTML 9Page - Clare, Inc. CPC7583BA Datasheet HTML 10Page - Clare, Inc. CPC7583BA Datasheet HTML 11Page - Clare, Inc. CPC7583BA Datasheet HTML 12Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.clare.com
8
Rev. E
CPC7583
Table 12. Truth Table for the CPC7583BA and CPC7583BB
INring
INtestin
INtestout
TSD
TESTin
Break
RingTest
Ring
TESTout
Switches
Switches
Switches
Switches
Switches
0V
0V
0V
5V/Float1
Off
On
Off
Off
Off3
0V
0V
5V
5V/Float1
Off
Off
Off
Off
On4
0V
5V
0V
5V/Float1
On
Off
Off
Off
Off5
5V
0V
0V
5V/Float1
Off
Off
Off
On
Off6
5V
5V
0V
5V/Float1
Off
Off
On
Off
Off7
0V
5V
5V
5V/Float1
On
Off
Off
Off
On8
5V
0V
5V
5V/Float1
Off
Off
Off
Off
Off9
5V
5V
5V
5V/Float1
Off
Off
Off
Off
Off9
Don’t
Don’t
Don’t
0V2
Off
Off
Off
Off
Off9
Care
Care
Care
1
If TSD = 5V, the thermal shutdown mechanism is disabled.
If TSD if floating, the thermal shutdown mechanism is active.
2
Forcing TSD to ground overrides the logic input pins and forces an all off state.
3
Idle/Talk State.
4
TESTout state.
5
TESTin state.
6
Power Ringing State.
7
Ringing generator test state.
8
Simultaneous TESTout and TESTin state.
9
All OFF State
A parallel in/parallel out data latch is integrated into the CPC7583. Operation of the data latch is controlled by the logic level input pin
LATCH. The data input to the latch is the INPUT pin of the CPC7583 and the output of the data latch is an internal node used for state
control.
When the LATCH control pin is at logic 0, the data latch is transparent and data control signals flow directly from INPUT, through the data
latch to state control. Any changes in INPUT will be reflected in the state of the switches.
When the LATCH control pin is at logic 1, the data latch is active; the CPC7583 will no longer react to changes at the INPUT control pin. The
state of the switches is now latched; that is, the state of the switches will remain as they were when the LATCH input transitioned from logic
0 to logic 1. The switches will not respond to changes in INPUT as long as LATCH is held high.
Note that the Tsd input is not tied to the data latch. Tsd is not affected by the LATCH input. Tsd input will override state control via INPUT
and LATCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com