Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7583BA Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC7583BA
Description  Line Card Access Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7583BA Datasheet(HTML) 4 Page - Clare, Inc.

  CPC7583BA Datasheet HTML 1Page - Clare, Inc. CPC7583BA Datasheet HTML 2Page - Clare, Inc. CPC7583BA Datasheet HTML 3Page - Clare, Inc. CPC7583BA Datasheet HTML 4Page - Clare, Inc. CPC7583BA Datasheet HTML 5Page - Clare, Inc. CPC7583BA Datasheet HTML 6Page - Clare, Inc. CPC7583BA Datasheet HTML 7Page - Clare, Inc. CPC7583BA Datasheet HTML 8Page - Clare, Inc. CPC7583BA Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.clare.com
4
Rev. E
CPC7583
Table 4. Loop Access Switches, SW5 and SW6
PARAMETERS
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Off-state Leakage Current:
+25oC
Vsw (differential) = -320V to +Gnd
Isw
-
0.1
1
µA
Vsw (differential) = -60V to +260V
+85oC
Vsw (differential) = -330V to Gnd
Isw
-
0.3
1
µA
Vsw (differential) = -60V to +270V
-40oC
Vsw (differential) = -310V to +Gnd
Isw
-
0.1
1
µA
Vsw (differential) = -60V to +250V
RDSON:
+25oC
Isw (on) = +/-5mA, +/-10mA
∆ V
-
35
-
Ω
+85oC
Isw (on) = +/-5mA, +/-10mA
∆ V
-
50
70
Ω
-40oC
Isw (on) = +/-5mA, +/-10mA
∆ V
-
26
-
Ω
DC Current Limit:
+25oC
Vsw (on) = +/-10V
Isw
140
-
mA
+85oC
Vsw (on) = +/-10V
Isw
80
100
-
mA
-40oC
Vsw (on) = +/-10V
Isw
-
210
250
mA
Dynamic Current LImit
Break switches in ON state; ringing
Isw
-
2.5
-
A
(t=<0.5
µs)
access switches OFF; apply +/-1000V at
10/1000
µs pulse; appropriate secondary
protection in place.
Logic Input to Switch Output Isolation:
+25oC
Vsw (TTESTout, TLINE, RTESTout, RLINE) = +/-320V
Isw
-
0.1
1
µA
Logic Inputs = Gnd
+85oC
Vsw (TTESTout, TLINE, RTESTout, RLINE) = +/-330V
Isw
-
0.3
1
µA
Logic Inputs = Gnd
-40oC
Vsw (TTESTout, TLINE, RTESTout, RLINE) = +/-310V
Isw
-
0.1
1
µA
Logic Inputs = Gnd
Table 5. Ringing Test Return Switch SW7
PARAMETERS
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Off-state Leakage Current:
+25oC
Vsw (differential)= -320V to Gnd
Isw
-
0.1
1
µA
Vsw (differential)= -60V to +260V
+85oC
Vsw (differential)= -330V to Gnd
Isw
-
0.3
1
µA
Vsw (differential)= -60V to +270V
-40oC
Vsw (differential)= -310 to Gnd
Isw
-
0.1
1
µA
Vsw (differential)= -60V to +250V
RDSON
+25˚C
Isw (on) = +/-0mA, +/-10mA
∆ V
-
60
-
Ω
+85˚C
Isw (on) = +/-0mA, +/-10mA
∆ V
-
85
100
Ω
-40˚C
Isw (on) = +/-0mA, +/-10mA
∆ V
-
45
-
Ω
DC Current Limit
+25oC
Vsw (on) = +/- 10V
Isw
-
120
-
mA
+85oC
Vsw (on) = +/- 10V
Isw
-
80
-
mA
-40oC
Vsw (on) = +/- 10V
Isw
-
210
-
mA
Logic Input to Switch Output Isolation:
+25oC
Vsw (TRING, TTESTin) = +/-320V
Isw
-
0.1
1
µA
Logic Inputs = Gnd
+85oC
Vsw (TRING, TTESTin) = +/-330V
Isw
-
0.3
1
µA
Logic Inputs = Gnd
-40oC
Vsw (TRING, TTESTin) = +/-310V
Isw
-
0.1
1
µA
Logic Inputs = Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com