Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4450G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT4450G-S08-R
Description  7A, 40V N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4450G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT4450G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 5Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 6Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 7Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 8Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UT4450
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-898, C
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
40
V
Drain-Source Leakage Current
IDSS
VDS=40V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100 nA
Reverse
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.7
2.5
3
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=7A
24
30
mΩ
VGS=4.5V, ID=5A
30
38
mΩ
Forward Transconductance
gFS
VDS=5V, ID=7A
30
S
On State Drain Current
ID(ON)
VGS=10V, VDS=5V
45
A
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=20V, f=1.0MHz
516
pF
Output Capacitance
COSS
82
pF
Reverse Transfer Capacitance
CRSS
43
pF
Gate Resistance
RG
VGS=0V, VDS=0V, f=1MHz
4.6
SWITCHING PARAMETERS (Note 2)
Total Gate Charge
QG
VGS=4.5V, VDS=20V, ID=7A
4.3
7
nC
Total Gate Charge
QG
VGS=10V, VDS=20V, ID=7A
8.9
13
nC
Gate to Source Charge
QGS
2.4
nC
Gate to Drain Charge
QGD
1.4
nC
Turn-ON Delay Time
tD(ON)
VDS=20V, VGS=10V, RGEN=3Ω,
RL=2.8Ω
6.4
ns
Rise Time
tR
3.6
ns
Turn-OFF Delay Time
tD(OFF)
16.2
ns
Fall-Time
tF
6.6
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
3.5
A
Drain-Source Diode Forward Voltage
VSD
IS=1A, VGS=0V
0.76
1
V
Body Diode Reverse Recovery Time
tRR
IF=7A, dI/dt=100A/µs
18
ns
Body Diode Reverse Recovery Charge
QRR
10
nC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com