Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4450G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4450G-S08-R
Description  7A, 40V N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4450G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4450G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 5Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 6Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 7Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 8Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4450
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-898, C
7A, 40V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT4450 is an N-channel MOSFET. it uses UTC’s
advanced technology to provide the customers with a minimum on
state resistance, high switching speed and low gate charge.
The UTC UT4450 is suitable for PWM applications or use as a
load switch.
FEATURES
* RDS(ON)<30mΩ @ VGS=10V, ID=7A
RDS(ON)<38mΩ @ VGS=4.5V, ID=5A
* High switching speed
* Low gate charge
SYMBOL
(4) G
(1)(2)(3) S
(5)(6)(7)(8) D
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UT4450L-S08-R
UT4450G-S08-R
SOP-8
Tape Reel
UT4450L-S08-T
UT4450G-S08-T
SOP-8
Tube


Similar Part No. - UT4450G-S08-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UT4450G-S08-R DOINGTER-UT4450G-S08-R Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UT4450G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N10 UTC-7N10_12 Datasheet
224Kb / 6P
7A, 100V N-CHANNEL POWER MOSFET
7N40 UTC-7N40 Datasheet
175Kb / 4P
7A, 400V N-CHANNEL POWER MOSFET
7N50_1109 UTC-7N50_1109 Datasheet
180Kb / 6P
7A, 500V N-CHANNEL POWER MOSFET
7N65A UTC-7N65A Datasheet
283Kb / 7P
7A, 650V N-CHANNEL POWER MOSFET
7N70_1109 UTC-7N70_1109 Datasheet
387Kb / 7P
7A, 700V N-CHANNEL POWER MOSFET
7N80_1108 UTC-7N80_1108 Datasheet
187Kb / 6P
7A, 800V N-CHANNEL POWER MOSFET
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
7A, 900V N-CHANNEL POWER MOSFET
7N10Z UTC-7N10Z Datasheet
219Kb / 5P
7A, 100V N-CHANNEL POWER MOSFET
7N80Z UTC-7N80Z Datasheet
248Kb / 6P
7A, 800V N-CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC747N60 E-CMOS-EC747N60 Datasheet
412Kb / 5P
600V,7A N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com