Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT10NP06G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT10NP06G-S08-R
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/ P-CHANNEL)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT10NP06G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT10NP06G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTT10NP06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-773.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
N-CHANNEL
P-CHANNEL
Drain-Source Voltage
VDSS
60
-60
V
Gate-Source Voltage
VGSS
±20
±20
V
Drain Current
Continuous TA=25°C
ID
4.5
-3
A
Pulsed (Note 1)
IDM
20
-20
A
Power Dissipation
TA=25°C
PD
2.0
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note
:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
N-Channel
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
60
V
Drain-Source Leakage Current
IDSS
VDS=60V, VGS=0V, TJ=25°C
1
µA
VDS=48V, VGS=0V, TJ=125°C
10
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V
+100 nA
Reverse
VGS=-20V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
Static Drain-Source On-State Resistance
(Note 2)
RDS(ON)
VGS=10V, ID=4A
36
56
mΩ
VGS=4.5V, ID=2A
44
64
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
1100 1500
pF
Output Capacitance
COSS
80
pF
Reverse Transfer Capacitance
CRSS
60
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 2)
QG
VGS=4.5V, VDS=48V, ID=4A
120
150
nC
Gate to Source Charge
QGS
12
nC
Gate to Drain Charge
QGD
60
nC
Turn-ON Delay Time (Note 2)
tD(ON)
VDS=30V, ID=1A, RG=3.3Ω,
VGS=10V, RD=30Ω
33
ns
Rise Time
tR
26
ns
Turn-OFF Delay Time
tD(OFF)
140
ns
Fall-Time
tF
64
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note 2)
VSD
IS=1.7A, VGS=0V
1.2
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com