Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT10NP06G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT10NP06G-S08-R
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/ P-CHANNEL)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT10NP06G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT10NP06G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTT10NP06G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT10NP06
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-773.D
DUAL ENHANCEMENT MODE
(N-CHANNEL/ P-CHANNEL)
DESCRIPTION
The UTC UTT10NP06 incorporates an N-channel MOSFET and
a P-channel MOSFET , it uses UTC’s advanced technology to
provide customers a minimum on-state resistance, high switching
speed, low gate charge and cost effectiveness.
The UTC UTT10NP06 is universally applied in low voltage
applications.
FEATURES
* RDS(on) < 56mΩ @VGS=10V, ID=4A
RDS(on) <64mΩ @VGS=4.5V, ID=2A
* RDS(on) <68mΩ @VGS= -10V, ID= -3A
RDS(on) <88mΩ @VGS= -4.5V, ID= -2A
* High switching speed
SYMBOL
SOP-8
TO-252-4
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
UTT10NP06L-S08-T
UTT10NP06G-S08-T
SOP-8
S1 G1 S2 G2 D
D
D
D
Tube
UTT10NP06L-S08-R
UTT10NP06G-S08-R
SOP-8
S1 G1 S2 G2 D
D
D
D
Tape Reel
UTT10NP06L-TN4-T
UTT10NP06G-TN4-T
TO-252-4
S1 G1 D
S2 G2
-
-
-
Tube
UTT10NP06L-TN4-R
UTT10NP06G-TN4-R
TO-252-4
S1 G1 D
S2 G2
-
-
-
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT10NP06G-S08-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UTT10NP06L-S08-R DOINGTER-UTT10NP06L-S08-R Datasheet
3Mb / 7P
N-Chanel and P-Channel MOSFET use advanced trench technology
More results

Similar Description - UTT10NP06G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD606 UTC-UD606 Datasheet
388Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4606 UTC-UD4606 Datasheet
310Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UD4614 UTC-UD4614 Datasheet
291Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003 UTC-UT5003 Datasheet
299Kb / 8P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003Z UTC-UT5003Z Datasheet
311Kb / 8P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTM4052 UTC-UTM4052 Datasheet
440Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4606Z UTC-UD4606Z Datasheet
163Kb / 6P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT6NP10 UTC-UTT6NP10 Datasheet
259Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
logo
Stanson Technology
STC6602 STANSON-STC6602 Datasheet
873Kb / 8P
Dual N&P Channel Enhancement Mode MOSFET
logo
Microchip Technology
TC2320 MICROCHIP-TC2320 Datasheet
531Kb / 12P
N-Channel and P-Channel Enhancement-Mode Dual MOSFET
11/07/16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com